Electronic Components Datasheet Search
  English  ▼

X  

AD9119BBCZRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD9119BBCZRL
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9119BBCZRL Datasheet HTML 29Page - Analog Devices AD9119BBCZRL Datasheet HTML 30Page - Analog Devices AD9119BBCZRL Datasheet HTML 31Page - Analog Devices AD9119BBCZRL Datasheet HTML 32Page - Analog Devices AD9119BBCZRL Datasheet HTML 33Page - Analog Devices AD9119BBCZRL Datasheet HTML 34Page - Analog Devices AD9119BBCZRL Datasheet HTML 35Page - Analog Devices AD9119BBCZRL Datasheet HTML 36Page - Analog Devices AD9119BBCZRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 33 of 66
IOUTFS = 33 mA, fDAC = 2.782 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
0.2
0.4
fOUT (GHz)
0.6
1.0
0.8
–50
–55
–65
–75
–85
–60
–70
–80
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 114. Single-Carrier ACPR vs. fOUT
0
0.2
0.4
fOUT (GHz)
0.6
1.0
0.8
–50
–55
–65
–75
–85
–60
–70
–80
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 115. Four-Carrier ACPR vs. fOUT
0
0.2
0.4
fOUT (GHz)
0.6
1.0
0.8
–50
–55
–65
–75
–85
–60
–70
–80
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 116. Eight-Carrier ACPR vs. fOUT
0
0.2
0.4
fOUT (GHz)
0.6
1.0
0.8
–50
–55
–65
–75
–85
–60
–70
–80
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 117. 16-Carrier ACPR vs. fOUT
0.1
0.2
0.3
0.5
0.7
0.4
fOUT (GHz)
0.6
0.9
0.8
–50
–55
–65
–75
–85
–60
–70
–80
–90
ACP1
ACP2
ACP3
ACP4
ACP5
Figure 118. 32-Carrier ACPR vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com