Electronic Components Datasheet Search
  English  ▼

X  

AD9119BBCZRL Datasheet(PDF) 46 Page - Analog Devices

Part # AD9119BBCZRL
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZRL Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9119BBCZRL Datasheet HTML 42Page - Analog Devices AD9119BBCZRL Datasheet HTML 43Page - Analog Devices AD9119BBCZRL Datasheet HTML 44Page - Analog Devices AD9119BBCZRL Datasheet HTML 45Page - Analog Devices AD9119BBCZRL Datasheet HTML 46Page - Analog Devices AD9119BBCZRL Datasheet HTML 47Page - Analog Devices AD9119BBCZRL Datasheet HTML 48Page - Analog Devices AD9119BBCZRL Datasheet HTML 49Page - Analog Devices AD9119BBCZRL Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
AD9119/AD9129
Data Sheet
Rev. B | Page 46 of 66
0
200
400
600
800
1000
1200
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
FREQUENCY (MHz)
Figure 138. FIR25 2× Interpolation Filter Plot, Pass-Band Ripple; fDAC = 2.5 GHz
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
–60
–50
–55
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
NORMALIZED FREQUENCY (×
π RAD/Sample)
Figure 139. FIR40 2× Interpolation Filter Plot, Complete Frequency Response
0
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.50
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
NORMALIZED FREQUENCY (×
π RAD/Sample)
Figure 140. FIR40 2× Interpolation Filter Plot, Pass-Band Ripple
Pipeline Delay (Latency)
The pipeline delay, or latency, of the AD9129 varies, based on
the configuration that is chosen and can be calculated using the
following formula:
Pipeline_Total = Pipeline_Delay + 2×_Delay
+ Group_Delay + FIFO_Level
The values listed in Table 13 can be used, depending on the
mode of operation that is selected.
Table 13. Pipeline Delay Values for Each Block
Mode
Pipeline
Delay
(fDAC cycles)
Group
Delay
(fDAC cycles)
Total
Pipeline
(fDAC cycles)
Total
Delay
(fDAC cycles)
No 2× filter
74
N/A
74
74
With FIR25
43
2
117
119
With FIR40
67
9
141
150
The terms used in Table 13 are defined as follows:
•
Pipeline delay is the time from DAC code latched until the
DAC output begins to move.
•
Group delay is the time for the maximum amplitude pulse
to reach the DAC output, as compared to the first time the
output moves.
•
No 2× filter is the base pipeline delay, including data
interface, analog circuitry (six cycles), and data FIFO at
half-full/Position 3.
•
FIR25 is the 2× interpolator with 25 dB of out-of-band
rejection.
•
FIR40 is the 2× interpolator with 40 dB of out-of-band
rejection.
Note that the values for pipeline delay apply in both normal
mode and Mix-Mode. After the total delay through the digital
blocks is calculated, add the FIFO level to that delay to find the
total pipeline delay. Note that the pipeline delay can be considered
fixed, with the only ambiguity being the FIFO state. The FIFO
state can be initialized as part of the startup sequence to ensure
a four sample spacing and, therefore, a fixed pipeline delay, or
deterministic latency (see the Resetting the FIFO Data Level
section for more information).
To ensure repeatable pipeline delay over multiple power-up cycles,
the SYNC output of the DAC must be aligned with a known system
sync reference. Follow a calibration process that is similar to the
multiple DAC sync process (see the Multiple DAC Synchronization
section for more information) after each power-up event to align
the DAC to the system sync reference.
Power-Up Time
The AD9119/AD9129 have a power-down register (Register 0x01)
that enables the user to power down various portions of the DAC.
The power-up time for several usage cases is shown in Table 14.
The recommended way to power up the AD9119/AD9129 is
to power up all parts of the circuit with IREF disabled (by setting
Register 0x01, Bit 6 = 1b), and then enable IREF by programming
Register 0x01, Bit 6 = 0b.
Table 14. Power-Up Times for Several Usage Cases
State
Register State
Time (µs)
Power-Up
From 0x01 = 0xEF to 0x01 = 0x08
250
Clock Path Up
From 0x01 = 0x0C to 0x01 = 0x08
220
Wake-Up
From 0x01 = 0x48 to 0x01 = 0x08
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com