Electronic Components Datasheet Search
  English  ▼

X  

AD9119BBCZRL Datasheet(PDF) 53 Page - Analog Devices

Part # AD9119BBCZRL
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZRL Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9119BBCZRL Datasheet HTML 49Page - Analog Devices AD9119BBCZRL Datasheet HTML 50Page - Analog Devices AD9119BBCZRL Datasheet HTML 51Page - Analog Devices AD9119BBCZRL Datasheet HTML 52Page - Analog Devices AD9119BBCZRL Datasheet HTML 53Page - Analog Devices AD9119BBCZRL Datasheet HTML 54Page - Analog Devices AD9119BBCZRL Datasheet HTML 55Page - Analog Devices AD9119BBCZRL Datasheet HTML 56Page - Analog Devices AD9119BBCZRL Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 53 of 66
For applications that operate the AD9119/AD9129 in Mix-Mode
with output frequencies extending beyond 2.2 GHz, the user may
want to consider the circuit shown in Figure 154. This circuit
uses a wideband balun (for example, −3 dB at 4.0 GHz), with a
configuration that is similar to the example shown in Figure 152,
to provide a dc bias path for the DAC outputs. This circuit was
implemented on an evaluation board, and the frequency response
was measured to compare it with the ideal curve in Figure 146.
The result is shown in Figure 155.
50Ω
50Ω
L
L
MINI-CIRCUITS
TCI-1-13M+
TCI-1-33M+
IOUTP
IOUTN
C
C
VDDA
Figure 154. Recommended Mix-Mode Configuration Offering Extended RF
Bandwidth Using TC1-1-13M+ Balun
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
0
500
1000 1500 2000 2500 3000 3500 4000 4500 5000
FREQUENCY (MHz)
NORMAL MODE
MIX-MODE
MEASURED NORMAL
MEASURED MIX-MODE
Figure 155. Measured vs. Ideal DAC Output Response; fDAC = 2.6 GSPS
To assist in matching the AD9119/AD9129 output, a Smith chart
is provided in Figure 156. The plot was taken using the circuit
in Figure 154, with the balun and the coupling capacitors
removed, and L = 270 nH. For the measured vs. ideal response of
the DAC output, see Figure 155, which illustrates that a nonideal
response occurs in the second half of the second Nyquist zone.
This area corresponds to the low impedance area between 2 GHz
and 3 GHz, as shown in the Smith chart in Figure 156. Output
matching can be used to compensate for this nonideal response;
the possible reduction in signal bandwidth must be considered if
such matching is used.
1. 300kHz
3.1341
Ω 710.55mΩ 376.96nH
2. 1GHz
54.333Ω –44.210Ω 3.5999pF
3. 2GHz
13.113
Ω –11.207Ω 7.1006pF
4. 3GHz
13.022Ω –14.259Ω 756.48pH
1
2
3
4
Figure 156. Measured Smith Chart Showing the DAC Output Impedance;
fDAC = 2.6 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com