Electronic Components Datasheet Search
  English  ▼

X  

AD9139 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9139
Description  TxDAC Digital-to- Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9139 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9139 Datasheet HTML 35Page - Analog Devices AD9139 Datasheet HTML 36Page - Analog Devices AD9139 Datasheet HTML 37Page - Analog Devices AD9139 Datasheet HTML 38Page - Analog Devices AD9139 Datasheet HTML 39Page - Analog Devices AD9139 Datasheet HTML 40Page - Analog Devices AD9139 Datasheet HTML 41Page - Analog Devices AD9139 Datasheet HTML 42Page - Analog Devices AD9139 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Data Sheet
AD9139
START-UP ROUTINE
To ensure reliable start up of the AD9139, certain sequences
must be followed.
Device Configuration and Start-Up Sequence 1
1.
Set fDCI = 600 MHz, fDATA = 1200 MHz, and interpolation to 1×.
2.
Enable the PLL, and set fREF = 300 MHz.
3.
Enable the inverse sinc filter.
4.
Use the DLL-based interface mode and set DLL phase
offset = 0.
Derived PLL Settings
The following PLL settings are derived from the device configuration:
•
fDAC = 1200 × 1 = 1200 MHz.
•
fVCO= fDAC = 1200 MHz (1 GHz < fVCO < 2 GHz).
•
VCO divider = fVCO/fDAC = 1.
•
Loop divider = fDAC/fREF = 4.
Start-Up Sequence 1
1.
Power up the device (no specific power supply sequence is
required).
2.
Apply stable DAC clock.
3.
Apply stable DCI clock.
4.
Feed stable input data.
5.
Issue hardware reset (optional).
/* Device configuration register write
sequence */
0x00 → 0x20 /* Issue software reset */
0x20 → 0x01 /* Device Startup Configuration */
/* Configure PLL */
0x14 → 0xE7 /* Configure PLL loop BW and charge
pump current */
0x15 → 0xC1 /* Configure VCO divider and loop
divider */
0x12 → 0xC0 /*Enable the PLL */
0x12 → 0x80
Wait 10ms
Read 0x16[7] /* Expect 1b if the PLL is locked
*/
/* Configure Data Interface */
0x5E → 0xFE /* Turn off LSB delay cell */
0x0A → 0xC0 /* Enable the DLL and duty cycle
correction. Set DLL phase offset to 0 */
Read 0x0E[7:4] /* Expect 1000b if the DLL is
locked */
/* Configure Interpolation filter */
0x28 → 0x80 /* 1× interpolation */
/* Reset FIFO */
0x25 → 0x01
Read 0x25[1] /* Expect 1b if the FIFO reset is
complete */
Read 0x24 /* The readback should be one of the
three values: 0x30, 0x40, or 0x50 */
/* Enable Inverse SINC filter */
0x27 → 0x80
/* Power up DAC outputs */
0x01 → 0x00
Device Configuration and Start-Up Sequence 2
1.
Set fDCI = 200 MHz, fDATA = 400 MHz, fDAC = 800 MHz, and
interpolation to 2×.
2.
Disable PLL.
3.
Enable the inverse sinc filter.
4.
Use the delay line-based interface mode with a delay
setting of 0.
Start-Up Sequence 2
1.
Power up the device (no specific power supply sequence is
required).
2.
Apply stable DAC clock.
3.
Apply stable DCI clock.
4.
Feed stable input data.
5.
Issue a hardware reset (optional).
/* Device configuration register write
sequence */
0x00 → 0x20 /* Issue software reset */
0x20 → 0x01 /* Device Startup Configuration */
/* Configure Data Interface */
0x5E → 0x00 /* Configure the delay setting */
0x5F → 0x60
0x0D → 0x16 /* DC couple DCI */
0x0A → 0x00 /* Turn off DLL and duty cycle
correction */
/* Configure Interpolation filter */
0x28 → 0x00 /* 2× interpolation */
/* Reset FIFO */
Follow the serial port FIFO reset procedure in
the FIFO Operation section.
/* Enable Inverse SINC filter */
0x27 → 0x80
/* Power up DAC outputs */
0x01 → 0x00
Rev. A | Page 39 of 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com