Electronic Components Datasheet Search
  English  ▼

X  

AD9152BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9152BCPZ
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9152BCPZ Datasheet HTML 35Page - Analog Devices AD9152BCPZ Datasheet HTML 36Page - Analog Devices AD9152BCPZ Datasheet HTML 37Page - Analog Devices AD9152BCPZ Datasheet HTML 38Page - Analog Devices AD9152BCPZ Datasheet HTML 39Page - Analog Devices AD9152BCPZ Datasheet HTML 40Page - Analog Devices AD9152BCPZ Datasheet HTML 41Page - Analog Devices AD9152BCPZ Datasheet HTML 42Page - Analog Devices AD9152BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 39 of 103
Sync Procedure
The procedure for enabling the sync is as follows:
1.
Set the desired sync processing mode. The sync processing
mode settings are listed in Table 39.
2.
For Subclass 1, set the error window according to the
uncertainty of the SYSREF± signal relative to the DAC
clock and the tolerance of the application for deterministic
latency uncertainty. The sync window tolerance settings
are given in Table 40.
3.
Enable sync by writing 1 to SYNCENABLE (Register 0x03A,
Bit 7).
4.
If in one shot mode, arm the sync machine by writing 1 to
SYNCARM (Register 0x03A, Bit 6).
5.
If in Subclass 1, ensure that at least one SYSREF± pulse is
sent to the device.
6.
Check the status by reading the following bit fields:
a) SYNCBUSY (Register 0x03B, Bit 7) = 0 to indicate that
the sync logic is no longer busy.
b) SYNCLOCK (Register 0x03B, Bit 3) = 1 to indicate that
the signals are aligned. This bit updates on every phase
check.
c) SYNCWLIM (Register 0x03B, Bit 1) = 0 to indicate
that the phase error is not beyond the specified error
window. This bit updates on every phase check.
d)SYNCROTATE (Register 0x03B, Bit 2) = 1 if the phases
were not aligned before the sync and a clock
alignment occurred. This bit is sticky and can be
cleared only by writing to SYNCCLRSTKY control
bit (Register 0x03A, Bit 5).
e) SYNCTRIP (Register 0x03B, Bit 0) = 1 to indicate that
the alignment edge was received and the phase
check occurred. This bit is sticky and can be cleared
only by writing to SYNCCLRSTKY control bit
(Register 0x03A, Bit 5).
Table 39. Sync Processing Modes
Sync Processing Mode
SYNCMODE (Register 0x03A, Bits[3:0])
One Shot
0x01
Continuous
0x02
One Shot Then Monitor
0x09
Table 40. Sync Window Tolerance
Sync Error Window Tolerance
(DAC Clock Cycles)
ERRWINDOW
(Register 0x034, Bits[2:0])
±½
0x00
±1
0x01
±2
0x02
±3
0x03
±4
0x04
±5
0x05
±6
0x06
±7
0x07
LMFC Sync IRQ
The sync status bits (SYNCLOCK, SYNCROTATE, SYNCTRIP,
and SYNCWLIM) are available as IRQ events.
Use Register 0x021, Bits[3:0] to enable the sync status bits, and
then use Register 0x025, Bits[3:0] to read back their statuses and
to reset the IRQ signals.
See the Interrupt Request Operation section for more information.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout each system. Data traversing from one clock
domain to a different clock domain can lead to ambiguous
delays in the JESD204B link. These ambiguities lead to
nonrepeatable latencies across the link from power cycle to
power cycle with each new link establishment. Section 6 of the
JESD204B specification addresses the issue of deterministic
latency with mechanisms defined as Subclass 1 and Subclass 2.
The AD9152 supports JESD204B Subclass 0 and Subclass 1 opera-
tion, but not Subclass 2. Write the subclass to Register 0x301,
Bits[2:0] and once per link to Register 0x458, Bits[7:5].
Subclass 0
Subclass 0 mode does not require any signal on the SYSREF±
pins, which can be left disconnected.
Subclass 0 still requires that all lanes arrive within the same
LMFC cycle.
Minor Subclass 0 Caveats
Because the AD9152 requires an ILAS, the nonmultiple
converter single lane (NMCDA-SL) case from the JESD204A
specification is supported only when using the optional ILAS.
Error reporting using SYNCOUT± is not supported when using
Subclass 0 with F = 1.
Subclass 1
Subclass 1 mode gives deterministic latency and allows links to be
synced to within ½ a DAC clock period. It requires an external
SYSREF± signal that is accurately phase aligned to the DAC clock.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic
latency in a JESD204B Subclass 1 system.
•
SYSREF± signal distribution skew within the system must
be less than the desired uncertainty.
•
SYSREF± setup and hold time requirements must be met
for each device in the system.
•
The total latency variation across all lanes, and devices
must be ≤10 PClock periods. This includes both variable
delays and the variation in fixed delays from lane to lane
and device to device in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com