Electronic Components Datasheet Search
  English  ▼

X  

AD9152BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9152BCPZ
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9152BCPZ Datasheet HTML 40Page - Analog Devices AD9152BCPZ Datasheet HTML 41Page - Analog Devices AD9152BCPZ Datasheet HTML 42Page - Analog Devices AD9152BCPZ Datasheet HTML 43Page - Analog Devices AD9152BCPZ Datasheet HTML 44Page - Analog Devices AD9152BCPZ Datasheet HTML 45Page - Analog Devices AD9152BCPZ Datasheet HTML 46Page - Analog Devices AD9152BCPZ Datasheet HTML 47Page - Analog Devices AD9152BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 44 of 103
Configuration Parameters
The AD9152 modes refer to the link configuration parameters
for L, K, M, N, NP, S, and F. Table 44 provides the description
and addresses for these settings.
Table 44. Configuration Parameters
JESD204B
Setting
Description
Address
L − 1
Number of lanes − 1.
0x453[4:0]
F − 1
Number of ((octets per frame) per
lane) − 1.
0x454[7:0]
K − 1
Number of frames per multiframe − 1.
0x455[4:0]
M − 1
Number of converters − 1.
0x456[7:0]
N − 1
Converter bit resolution − 1.
0x457[4:0]
NP − 1
Bit packing per sample − 1.
0x458[4:0]
S − 1
Number of ((samples per converter)
per frame) − 1.
0x459[4:0]
HD
High density format. Set to 1 if F = 1.
Leave at 0 if F ≠ 1.
0x45A[7]
F1
F parameter, in ((octets per frame) per
lane).
0x476[7:0]
DID
Device ID. Match the device ID sent
by the transmitter.
0x450[7:0]
BID
Bank ID. Match the bank ID sent by
the transmitter.
0x451[3:0]
LID0
Lane ID for Lane 0. Match the lane ID
sent by the transmitter on Logical
Lane 0.
0x452[4:0]
JESDV
JESD version. Match the version sent
by the transmitter (0x0 = JESD204A,
0x1 = JESD204B).
0x459[7:5]
1 The values that need to be written in Register 0x454 and Register 0x476 are
different, F − 1 and F, respectively.
Data Flow Through the JESD204B Receiver
The link configuration parameters determine how the serial bits
on the JESD204B receiver interface are deframed and passed on
to the DACs as data samples. Figure 54 shows a detailed flow of
the data through the various hardware blocks for Mode 4 (L = 4,
M = 2, S = 1, F = 1). Simplified flow diagrams for all other modes
are shown in Figure 54 through Figure 59.
Single Link Configuration
The AD9152 uses the settings contained in Table 43. Mode 4 to
Mode 10, except Mode 8, can be used for single link operation.
Checking Proper Configuration
As a convenience, the AD9152 provides quick configuration
checks. Register 0x030, Bit 5 is high if an illegal LMFC_DELAY_0
value is used. Register 0x030, Bit 3 is high if an unsupported
combination of L, M, F, or S is used. Register 0x030, Bit 2 is high
if an illegal K character is used. Register 0x030, Bit 1 is high if an
illegal SUBCLASSV is used.
Deskewing and Enabling Logical Lanes
After proper configuration, the logical lanes must be deskewed and
enabled to capture data.
Set Bit x in Register 0x46C to 1 to deskew Logical Lane x and to 0 if
that logical lane is not being used. Then, set Bit x in Register 0x47D
to 1 to enable Logical Lane x and to 0 if that logical lane is not
being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com