Electronic Components Datasheet Search
  English  ▼

X  

AD9152BCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9152BCPZ
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152BCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9152BCPZ Datasheet HTML 56Page - Analog Devices AD9152BCPZ Datasheet HTML 57Page - Analog Devices AD9152BCPZ Datasheet HTML 58Page - Analog Devices AD9152BCPZ Datasheet HTML 59Page - Analog Devices AD9152BCPZ Datasheet HTML 60Page - Analog Devices AD9152BCPZ Datasheet HTML 61Page - Analog Devices AD9152BCPZ Datasheet HTML 62Page - Analog Devices AD9152BCPZ Datasheet HTML 63Page - Analog Devices AD9152BCPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 60 of 103
Table 63. PDP Registers
Addr.
Bit
No.
Value
Description
0x060
[7:0]
PDP_THRESHOLD[7:0]
Power that triggers
PDP_PROTECT. 8 LSBs.
0x061
[4:0]
PDP_THRESHOLD[12:8]
5 MSBs.
0x062
7
PDP_ENABLE
Set to 1 to enable PDP.
[3:0]
PDP_AVG_TIME
Can be set from 0 to 10.
Averages across
2(9 + PDP_AVG_TIME), IQ sample
pairs.
0x063
[7:0]
PDP_POWER[7:0]
If PDP_THRESHOLD is
crossed, this reads back
the maximum power
seen. If not, this reads
back the instantaneous
power. 8 LSBs.
0x064
[4:0]
PDP_POWER[12:8]
5 MSBs.
0x12C
7
PROTECT_MODE
If this bit is high, the DAC
is in protect mode, and is
shut down automatically
when some errors occur.
0
DACOFF_AVG_PW
If this bit is high, Bit 7 is
high, and the input
average power is greater
than the given threshold
(see Register 0x060 and
Register 0x061) within a
given time window, the
DAC output shuts down
automatically.
0x013
6
PDP_PROTECT_OUT
1: PDP_PROTECT triggers
PROTECT_OUT.
Power Detection and Protection IRQ
The PDP_PROTECT signal is available as an IRQ event.
Use Register 0x021, Bit 7 to enable PDP_PROTECT and then use
Register 0x025, Bit 7 to read back its status and reset the IRQ signal.
See the Interrupt Request Operation section for more information.
Transmit Enable State Machine
The TXENSM block controls the delay between TXEN and
the Tx_PROTECT signals. At the same time, the Tx_PROTECT
signal can optionally be routed externally to the PROTECT_
OUT pin and the TXENSM can generate the TX_DAC_CLK
signal and TX_DAC_CORE signal to power down the DAC
clock and DAC core.
If DACA_MASK (Register 0x012, Bit 6) = 1, a falling edge of
TXEN causes the DAC core I DAC and Q DAC to power down;
a rising edge of TXEN causes the DAC core I DAC and Q DAC
to power up.
If CLKA_MASK (Register 0x012, Bit 4 ) = 1, a falling edge of
TXEN causes the DAC clock to power down; a rising edge of
TXEN causes the DAC clock to power up.
The TXENSM is configured as shown in Table 64.
Table 64. TXENSM Registers
Addr.
Bit No.
Value
Description
0x012
6
DACA_MASK
DAC core power-down
mask for TXEN.
4
CLKA_MASK
Datapath power-down
mask for TXEN.
0x013
5
TX_PROTECT_OUT
1: TX_PROTECT triggers
PROTECT_OUT.
0x11F
0
TXEN_SM_EN
If high, enable TXEN
state machine.
TXENSM Startup Sequence
To ensure that the TXENSM functions properly, the following se-
quence must be used. Excepting Register 0x012 and Register 0x013,
other registers must follow the recommend values in Table 65.
Table 65. TXENSM Startup Sequence1
Addr.
Value
Description
0x012
0x00
Enable the DAC core and datapath power-down
mask
0x013
0x20
TX_PROTECT triggers PROTECT_OUT
0x140
0x04
Gain ramp up step
0x142
0x09
Gain ramp down step
0x11F
0x83
Enable the TXEN state machine
1 Perform these writes in the order they are listed in this table.
After applying the sequence in Table 65, the function of the
TXENSM timing is shown in Figure 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com