Electronic Components Datasheet Search
  English  ▼

X  

AD9152BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9152BCPZ
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9152BCPZ Datasheet HTML 17Page - Analog Devices AD9152BCPZ Datasheet HTML 18Page - Analog Devices AD9152BCPZ Datasheet HTML 19Page - Analog Devices AD9152BCPZ Datasheet HTML 20Page - Analog Devices AD9152BCPZ Datasheet HTML 21Page - Analog Devices AD9152BCPZ Datasheet HTML 22Page - Analog Devices AD9152BCPZ Datasheet HTML 23Page - Analog Devices AD9152BCPZ Datasheet HTML 24Page - Analog Devices AD9152BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 21 of 103
SERIAL PORT OPERATION
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing with many industry-standard
microcontrollers and microprocessors. The serial input/output
is compatible with most synchronous transfer formats,
including both the Motorola SPI and Intel® SSR protocols. The
interface allows read/write access to all registers that configure
the AD9152. MSB first or LSB first transfer formats are
supported. The serial port interface is a 4-wire or a 3-wire (by
default) interface in which the input and output share a single-pin
input/output (SDIO).
SPI
PORT
CS
SCLK
SDIO
SDO
38
39
40
41
Figure 32. Serial Port Interface Pins
There are two phases to a communication cycle with the AD9152.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first 16 SCLK rising
edges. The instruction word provides the serial port controller
with information regarding the data transfer cycle, Phase 2 of
the communication cycle. The Phase 1 instruction word defines
whether the upcoming data transfer is a read or write, along with
the starting register address for the following data transfer.
A logic high on the CS pin followed by a logic low resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next 16 rising SCLK edges represent the
instruction bits of the current input/output operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Eight × N SCLK cycles are
needed to transfer N bytes during the transfer cycle. Registers
change immediately upon writing to the last bit of each transfer
byte, except for the frequency tuning word (FTW) and the
numerically controlled oscillator (NCO) phase offsets, which
change only when the frequency tuning word (FTW)
FTW_UPDATE_REQ bit (Register 0x113, Bit 0) is set.
DATA FORMAT
The instruction byte contains the information shown in Table 13.
Table 13. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W, Bit 15 of the instruction word, determines whether a read
or a write data transfer occurs after the instruction word write.
Logic 1 indicates a read operation, and Logic 0 indicates a write
operation.
A14 to A0, Bit 14 to Bit 0 of the instruction word, determine the
register that is accessed during the data transfer portion of the
communication cycle. For multibyte transfers, [A14:0] is the starting
address. The remaining register addresses are generated by the
device based on the address increment bits (Register 0x000, Bit 5
and Bit 2). If the address increment bits are set high, multibyte
SPI writes start on A[14:0] and increment by 1 every 8 bits
sent/received. If the address increment bits are set to 0, the
address decrements by 1 every 8 bits.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 10 MHz. All data input is registered on the rising edge
of SCLK. All data is driven out on the falling edge of SCLK.
Chip Select (CS)
An active low input starts and gates a communication cycle.
It allows more than one device to be used on the same serial
communications lines. The SDIO pin goes to a high impedance
state when this input is high. During the communication cycle,
chip select must stay low.
Serial Data Input/Output (SDIO)
This pin is a bidirectional data line. In 4-wire mode, this pin
acts as the data input and SDO acts as the data output.
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. This functionality is controlled by the LSB first bits
(Register 0x000, Bit 6 and Bit 1). The default is MSB first (the
LSB first bits = 0).
When the LSB first bits = 0 (MSB first), the instruction and data
bits are written from MSB to LSB. R/W is followed by A[14:0] as
the instruction word, and D[7:0] is the data-word. When the
LSB first bits = 1 (LSB first), the opposite is true. A[0:14] is
followed by R/W, which is subsequently followed by D[0:7].
The serial port supports a 3-wire or 4-wire interface. When the
SDO active bits = 1 (Register 0x000, Bit 4 and Bit 3), a 4-wire
interface with a separate input pin (SDIO) and output pin
(SDO) is used. When the SDO active bits = 0, the SDO pin is
unused and the SDIO pin is used for both input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com