Electronic Components Datasheet Search
  English  ▼

X  

LM2746MXAX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746MXAX
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746MXAX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2746MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 18Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 19Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application Information (Continued)
4SP560M electrolytic capacitor will give an equivalent ESR
of 14m
Ω. The capacitance of 560 µF is enough to supply
energy even to meet severe load transient demands.
MOSFETs
Selection of the power MOSFETs is governed by a tradeoff
between cost, size, and efficiency. One method is to deter-
mine the maximum cost that can be endured, and then
select the most efficient device that fits that price. Breaking
down the losses in the high-side and low-side MOSFETs and
then creating spreadsheets is one way to determine relative
efficiencies between different MOSFETs. Good correlation
between the prediction and the bench result is not guaran-
teed, however. Single-channel buck regulators that use a
controller IC and discrete MOSFETs tend to be most efficient
for output currents of 2-10A.
Losses in the high-side MOSFET can be broken down into
conduction loss, gate charging loss, and switching loss.
Conduction, or I
2R loss, is approximately:
P
C =D(IO
2 xR
DSON-HI x 1.3)
(High-Side MOSFET)
P
C =(1-D)x(IO
2 xR
DSON-LO x 1.3)
(Low-Side MOSFET)
In the above equations the factor 1.3 accounts for the in-
crease in MOSFET R
DSON due to heating. Alternatively, the
1.3 can be ignored and the R
DSON of the MOSFET estimated
using the R
DSON Vs. Temperature curves in the MOSFET
datasheets.
Gate charging loss results from the current driving the gate
capacitance of the power MOSFETs, and is approximated
as:
P
GC =nx(VDD)xQG xfSW
where ‘n’ is the number of MOSFETs (if multiple devices
have been placed in parallel), V
DD is the driving voltage (see
MOSFET Gate Drivers section) and Q
GS is the gate charge
of the MOSFET. If different types of MOSFETs are used, the
‘n’ term can be ignored and their gate charges simply
summed to form a cumulative Q
G. Gate charge loss differs
from conduction and switching losses in that the actual
dissipation occurs in the LM2746, and not in the MOSFET
itself.
Switching loss occurs during the brief transition period as the
high-side MOSFET turns on and off, during which both cur-
rent and voltage are present in the channel of the MOSFET.
It can be approximated as:
P
SW =0.5xVIN xIO x(tr +tf)xfSW
where t
R and tF are the rise and fall times of the MOSFET.
Switching loss occurs in the high-side MOSFET only.
For this example, the maximum drain-to-source voltage ap-
plied to either MOSFET is 3.6V. The maximum drive voltage
at the gate of the high-side MOSFET is 3.1V, and the maxi-
mum drive voltage for the low-side MOSFET is 3.3V. Due to
the low drive voltages in this example, a MOSFET that turns
on fully with 3.1V of gate drive is needed. For designs of 5A
and under, dual MOSFETs in SO-8 provide a good tradeoff
between size, cost, and efficiency.
Support Components
C
IN2 - A small (0.1 to 1 µF) ceramic capacitor should be
placed as close as possible to the drain of the high-side
MOSFET and source of the low-side MOSFET (dual MOS-
FETs make this easy). This capacitor should be X5R type
dielectric or better.
R
CC,CCC- These are standard filter components designed to
ensure smooth DC voltage for the chip supply. R
CC should
be 1-10
Ω.C
CC should 1 µF, X5R type or better.
C
BOOT- Bootstrap capacitor, typically 100nF.
R
PULL-UP – This is a standard pull-up resistor for the open-
drain power good signal (PWGD). The recommended value
is 10 k
Ω connected to V
CC. If this feature is not necessary,
the resistor can be omitted.
D
1 - A small Schottky diode should be used for the bootstrap.
It allows for a minimum drop for both high and low-side
drivers. The MBR0520 or BAT54 work well in most designs.
R
CS - Resistor used to set the current limit. Since the design
calls for a peak current magnitude (I
OUT+0.5*
∆I
OUT) of 4.8A,
a safe setting would be 6A. (This is below the saturation
current of the output inductor, which is 7A.) Following the
equation from the Current Limit section, a 1.3k
Ω resistor
should be used.
R
FADJ - This resistor is used to set the switching frequency of
the chip. The resistor value is calculated from equation in
Normal Operation section. For 300 kHz operation, a 97.6 k
Ω
resistor should be used.
C
SS - The soft-start capacitor depends on the user require-
ments and is calculated based on the equation given in the
section titled START UP/SOFT-START. Therefore, for a
700µs delay, a 12nF capacitor is suitable.
Control Loop Compensation
The LM2746 uses voltage-mode (‘VM’) PWM control to cor-
rect changes in output voltage due to line and load tran-
sients. One of the attractive advantages of voltage mode
control is its relative immunity to noise and layout. However
VM requires careful small signal compensation of the control
loop for achieving high bandwidth and good phase margin.
The control loop is comprised of two parts. The first is the
power stage, which consists of the duty cycle modulator,
output inductor, output capacitor, and load. The second part
is the error amplifier, which for the LM2746 is a 9MHz
op-amp used in the classic inverting configuration. Figure 12
shows the regulator and control loop components.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com