Electronic Components Datasheet Search
  English  ▼

X  

LM2746MXAX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746MXAX
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746MXAX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2746MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 18Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 19Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 20Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 21Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 22Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 23Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Example Circuits
PART
PART NUMBER
TYPE
PACKAGE
DESCRIPTION
VENDOR
U1
LM2746
Synchronous
Controller
TSSOP-14
NSC
Q1
FDS6898A
Dual N-MOSFET
SO-8
20V, 10m
Ω@ 4.5V,
16nC
Fairchild
D1
MBR0520LTI
Schottky Diode
SOD-123
L1
DO3316P-472
Inductor
4.7µH, 4.8Arms
18m
Ω
Coilcraft
C
IN1
16SP100M
Aluminum
Electrolytic
10mm x 6mm
100µF, 16V,
2.89Arms
Sanyo
C
O1
6SP220M
Aluminum
Electrolytic
10mm x 6mm
220µF, 6.3V
3.1Arms
Sanyo
C
CC,CBOOT,
C
IN2, CO2
VJ1206Y104KXXA
Capacitor
1206
0.1µF, 10%
Vishay
C
C3
VJ0805Y332KXXA
Capacitor
805
3300pF, 10%
Vishay
C
SS
VJ0805A123KXAA
Capacitor
805
12nF, 10%
Vishay
C
C2
VJ0805A821KXAA
Capacitor
805
820pF 10%
Vishay
C
C1
VJ0805A220KXAA
Capacitor
805
22pF, 10%
Vishay
R
FB2
CRCW08051002F
Resistor
805
10.0k
Ω 1%
Vishay
R
FB1
CRCW08054991F
Resistor
805
4.99k
Ω1%
Vishay
R
FADJ
CRCW08051103F
Resistor
805
110k
Ω 1%
Vishay
R
C2
CRCW08052101F
Resistor
805
2.1k
Ω 1%
Vishay
R
CS
CRCW08052101F
Resistor
805
2.1 k
Ω 1%
Vishay
R
CC
CRCW080510R0F
Resistor
805
10.0
Ω 1%
Vishay
R
C1
CRCW08055492F
Resistor
805
54.9k
Ω 1%
Vishay
R
PULL-UP
CRCW08051003J
Resistor
805
100k
Ω 5%
Vishay
20147732
FIGURE 16. 3.3V to 1.8V @ 2A, f
SW = 300kHz
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com