Electronic Components Datasheet Search
  English  ▼

X  

LM2746MXAX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746MXAX
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746MXAX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2746MXAX Datasheet HTML 2Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 3Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 4Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 5Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 6Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 7Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 8Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 9Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Typical Performance Characteristics (Continued)
BOOT Pin Current vs Temperature for
BOOT Voltage = 12V
f
SW = 300kHz, FDS6898A FET, No-Load
Internal Reference Voltage vs Temperature
20147744
20147758
Frequency vs Temperature
Output Voltage vs Output Current
20147760
20147756
Switch Waveforms (HG Rising)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
I
OUT = 4A, CSS = 12nF, fSW = 300kHz
Switch Waveforms (HG Falling)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
I
OUT = 4A, CSS = 12nF, fSW = 300kHz
20147746
20147747
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com