Electronic Components Datasheet Search
  English  ▼

X  

LM2746MXAX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746MXAX
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746MXAX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2746MXAX Datasheet HTML 10Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 14Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 15Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 16Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 17Page - National Semiconductor (TI) LM2746MXAX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application Information (Continued)
as inductor current has fallen to the current limit threshold.
The LM2746 will continue to skip high-side MOSFET pulses
until the inductor current peak is below the current limit
threshold, at which point the system resumes normal opera-
tion.
Unlike a high-side MOSFET current sensing scheme, which
limits the peaks of inductor current, low-side current sensing
is only allowed to limit the current during the converter
off-time, when inductor current is falling. Therefore in a typi-
cal current limit plot the valleys are normally well defined, but
the peaks are variable, according to the duty cycle. The
PWM error amplifier and comparator control the off-pulse of
the high-side MOSFET, even during current limit mode,
meaning that peak inductor current can exceed the current
limit threshold. Assuming that the output inductor does not
saturate, the maximum peak inductor current during current
limit mode can be calculated with the following equation:
Where T
SW is the inverse of switching frequency fSW. The
200ns term represents the minimum off-time of the duty
cycle, which ensures enough time for correct operation of
the current sensing circuitry.
In order to minimize the time period in which peak inductor
current exceeds the current limit threshold, the IC also dis-
charges the soft-start capacitor through a fixed 90 µA sink.
The output of the LM2746 internal error amplifier is limited by
the voltage on the soft-start capacitor. Hence, discharging
the soft-start capacitor reduces the maximum duty cycle D of
the controller. During severe current limit this reduction in
duty cycle will reduce the output voltage if the current limit
conditions last for an extended time. Output inductor current
will be reduced in turn to a flat level equal to the current limit
threshold. The third benefit of the soft-start capacitor dis-
charge is a smooth, controlled ramp of output voltage when
the current limit condition is cleared.
SHUTDOWN
If the shutdown pin is pulled low, (below 0.8V) the LM2746
enters shutdown mode, and discharges the soft-start capaci-
tor through a MOSFET switch. The high and low-side MOS-
FETs are turned off. The LM2746 remains in this state as
long as V
SD sees a logic low (see the Electrical Character-
istics table). To assure proper IC start-up the shutdown pin
should not be left floating. For normal operation this pin
should be connected directly to V
CC or to another voltage
between 1.3V to V
CC (see the Electrical Characteristics
table).
DESIGN CONSIDERATIONS
The following is a design procedure for all the components
needed to create the Typical Application Circuit shown on
the front page. This design converts 3.3V (V
IN) to 1.2V
(V
OUT) at a maximum load of 4A with an efficiency of 89%
and a switching frequency of 300kHz. The same procedures
can be followed to create many other designs with varying
input voltages, output voltages, and load currents.
Duty Cycle Calculation
The complete duty cycle for a buck converter is defined with
the following equation:
where V
SWL and VSWH are the respective forward voltage
drops that develop across the low side and high side MOS-
FETs. Assuming the inductor ripple current is 20% to 30% of
the output current, therefore:
V
SWL =IOUT xRDS(on)LOW
(Low-Side MOSFET)
V
SWH =IOUT xRDS(on)HIGH
(High-Side MOSFET)
To calculate the maximum duty cycle use the estimated ’hot’
R
DS(on) value of the MOSFETs, the minimum input voltage,
and maximum load. As shown in Figure 11, the worst case
maximum duty cycles of the LM2746 occurs at 125˚C junc-
tion temperature vs V
CC (IC control section voltage). Ensure
that the operating duty cycle is below the curve in Figure 11,
if this condition is not satisfied, the system will be unable to
develop the required duty cycle to derive the necessary
system power and so the output voltage will fall out of
regulation.
20147788
FIGURE 10. Current Limit Threshold
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com