Electronic Components Datasheet Search
  English  ▼

X  

MIC5319 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5319
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5319 Datasheet HTML 1Page - Micrel Semiconductor MIC5319 Datasheet HTML 2Page - Micrel Semiconductor MIC5319 Datasheet HTML 3Page - Micrel Semiconductor MIC5319 Datasheet HTML 4Page - Micrel Semiconductor MIC5319 Datasheet HTML 5Page - Micrel Semiconductor MIC5319 Datasheet HTML 6Page - Micrel Semiconductor MIC5319 Datasheet HTML 7Page - Micrel Semiconductor MIC5319 Datasheet HTML 8Page - Micrel Semiconductor MIC5319 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
October 2004
5
M9999-100604
MIC5319
Micrel
0
10
20
30
40
50
60
70
80
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Dropout Voltage
Iload = 150mA
Vout = 2.8V
Cout = 2.2uF
0
50
100
150
200
250
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Dropout Voltage
Iload = 500mA
Vout = 2.8V
Cout = 2.2uF
0
20
40
60
80
100
120
140
160
180
200
OUTPUT CURRENT (mA)
Dropout Voltage
Vout = 2.8V
Cout = 2.2uF
0
100
200
300
400
500
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Output Voltage vs.
Temperature
Iload = 100uA
Vout = 2.8V
Vin = Vout + 1V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (C)
Enable Threshold vs.
Temperature
Iload = 100uA
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2uF
100
200
300
400
500
600
700
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
Short Circuit Current
Iload = 100uA
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2uF
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
Output Noise Spectral Density
Iload = 50Ω
Vout = 2.8V
Vin = 4.45V
Cout = 2.2uF
Cbyp = 0.01uF
10
100
1k
10k 100k 1M 10M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com