Electronic Components Datasheet Search
  English  ▼

X  

MIC5319 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5319
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5319 Datasheet HTML 1Page - Micrel Semiconductor MIC5319 Datasheet HTML 2Page - Micrel Semiconductor MIC5319 Datasheet HTML 3Page - Micrel Semiconductor MIC5319 Datasheet HTML 4Page - Micrel Semiconductor MIC5319 Datasheet HTML 5Page - Micrel Semiconductor MIC5319 Datasheet HTML 6Page - Micrel Semiconductor MIC5319 Datasheet HTML 7Page - Micrel Semiconductor MIC5319 Datasheet HTML 8Page - Micrel Semiconductor MIC5319 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
October 2004
3
M9999-100604
MIC5319
Micrel
Electrical Characteristics(5)
VIN = VOUT +1.0V; COUT = 2.2µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to + 125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–1.0
+1.0
%
Variation from nominal VOUT, IOUT = 100µA to 500mA
–2.0
+2.0
%
Feedback Voltage
1.2375
1.25
1.2625
V
(ADJ option)
1.225
1.25
1.275
V
Line Regulation
VIN = VOUT +1V to 5.5V
0.04
0.3
%/V
Load Regulation(6)
IOUT = 100µA to 500mA
0.1
0.5
%
Dropout Voltage(7)(8)
IOUT = 50mA
20
40
mV
IOUT = 500mA
200
400
mV
Ground Pin Current(9)
IOUT = 0 to 500mA
90
150
µA
Ground Pin Current in Shutdown
VEN 0.2V
0.5
µA
Ripple Rejection
f = up to 1kHz; COUT = 2.2µF ceramic; CBYP = 0.1µF70
dB
f = 10kHz; COUT = 2.2µF ceramic; CBYP = 0.1µF60
dB
Current Limit
VOUT = 0V
600
700
mA
Output Voltage Noise
COUT =2.2µF, CBYP = 0.1µF, 10Hz to 100kHz
40
µVrms
Turn-On Time
COUT = 2.2µF; CBYP = 0.01µF40
100
µs
Enable Input
Enable Input Voltage
Logic Low (Regulator Shutdown)
0.2
V
Logic High (Regulator Enabled)
1.0
V
Enable Input Current
VIL
0.2V (Regulator Shutdown)
0.01
1
µA
VIH 1.0V (Regulator Enabled)
0.01
1
µA
Notes:
1. Exceeding maximum ratings may damage the device.
2. The device is not guaranteed to work outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) - TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator may go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human Body Model.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing.
7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below 2.5V,
dropout voltage spec does not apply, as part is limited by minimum VIN spec of 2.5V. There may be some typical dropout degradation at VOUT <3V.
8. For ADJ option, VOUT = 3V for dropout specification.
9. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.
Absolute Maximum Ratings(1)
Supply Input Voltage (VIN) .................................... 0V to 6V
Enable Input Voltage (VEN) ................................... 0V to 6V
Power Dissipation (PD) ........................ Internally Limited
(3)
Junction Temperature(TJ) ........................ –40°C to +125°C
Storage Temperature (TS) ......................... –65°C to 150°C
Lead Temperature (soldering, 5 sec.) ....................... 260°C
ESD(4) .............................................................................................. 3kV
Operating Ratings(2)
Supply Input Voltage (VIN) .............................. 2.5V to 5.5V
Enable Input Voltage (VEN) .................................. 0V to VIN
Junction Temperature (TJ) ....................... –40°C to +125°C
Package Thermal Resistance
MLF™ (θJA) ......................................................... 93°C/W
TSOT-23 (θJA) ................................................... 235°C/W
≤
≤
≥



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com