Electronic Components Datasheet Search
  English  ▼

X  

MIC5319 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5319
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5319 Datasheet HTML 1Page - Micrel Semiconductor MIC5319 Datasheet HTML 2Page - Micrel Semiconductor MIC5319 Datasheet HTML 3Page - Micrel Semiconductor MIC5319 Datasheet HTML 4Page - Micrel Semiconductor MIC5319 Datasheet HTML 5Page - Micrel Semiconductor MIC5319 Datasheet HTML 6Page - Micrel Semiconductor MIC5319 Datasheet HTML 7Page - Micrel Semiconductor MIC5319 Datasheet HTML 8Page - Micrel Semiconductor MIC5319 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2004
1
M9999-100604
MIC5319
Micrel
MIC5319
500mA µCap Ultra-Low Dropout, High PSRR LDO Regulator
General Description
The MIC5319 is a high-performance, 500mA LDO regulator,
offering extremely high PSRR and very low noise while
consuming low ground current.
Ideal for battery-operated applications, the MIC5319 fea-
tures 1% accuracy, extremely low-dropout voltage (200mV
@ 500mA), and low ground current at light load (typically
90µA). Equipped with a logic-compatible enable pin, the
MIC5319 can be put into a zero-off-mode current state,
drawing no current when disabled.
The MIC5319 is a µCap design operating with very small
ceramic output capacitors for stability, thereby reducing
required board space and component cost.
The MIC5319 is available in fixed-output voltages and adjust-
able output voltages in the super-compact 2mm x 2mm
MLF™ leadless package and thin SOT-23-5 package.
Additional voltage options are available. Contact Micrel
marketing.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Application
Features
• Ultra-low dropout voltage 200mV @ 500mA
• Input voltage range: 2.5 to 5.5V
• Stable with ceramic output capacitor
• Low output noise — 40µVrms
• Low quiescent current of 90
µA total
• High PSRR, up to 70dB @1kHz
• Fast turn-on-time — 40µs typical
• High output accuracy:
• ±1.0% initial accuracy
• ±2.0% over temperature
• Thermal shutdown protection
• Current-limit protection
• Logic-controlled Enable
• Tiny 2mm x 2mm MLF™ package, 500mA continuous
• Thin SOT-23-5 package, 500mA peak
Applications
• Cellular phones
• PDAs
• Fiber optic modules
• Portable electronics
• Notebook PCs
• Audio Codec power supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
PSRR
(Bypass Pin Cap = 0.1µF)
50mA
500mA
100µA
1k
10
100
10k
100k
1M
Vout = 2.8V
Vin = Vout + 1V
Cout = 2.2uF
0
20
40
60
80
100
120
140
160
180
200
OUTPUT CURRENT (mA)
Dropout Voltage
Vout = 2.8V
Cout = 2.2uF
0
100
200
300
400
500
MIC5319
VOUT
VIN
BYP
EN
GND
VIN
2.8V@500mA
VOUT
2.2
µF
0.1
µF
1
µF


Similar Part No. - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-1.3HYD5 MICREL-MIC5319-1.3HYD5 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.3HYML MICREL-MIC5319-1.3HYML Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YD5 MICREL-MIC5319-1.85YD5 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YML MICREL-MIC5319-1.85YML Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.8BML MICREL-MIC5319-1.8BML Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results

Similar Description - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
Tirple High PSRR, Low Noise uCap LDO
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com