Electronic Components Datasheet Search
  English  ▼

X  

MIC5319 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5319
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5319 Datasheet HTML 1Page - Micrel Semiconductor MIC5319 Datasheet HTML 2Page - Micrel Semiconductor MIC5319 Datasheet HTML 3Page - Micrel Semiconductor MIC5319 Datasheet HTML 4Page - Micrel Semiconductor MIC5319 Datasheet HTML 5Page - Micrel Semiconductor MIC5319 Datasheet HTML 6Page - Micrel Semiconductor MIC5319 Datasheet HTML 7Page - Micrel Semiconductor MIC5319 Datasheet HTML 8Page - Micrel Semiconductor MIC5319 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC5319
Micrel
October 2004
2
M9999-100604
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range(1)
Package
MIC5319-2.8BD5
N928
2.8
–40°C to +125°C
Thin SOT23-5
MIC5319-2.8BML
928
2.8
–40°C to +125°C
6-pin 2x2 MLF™
MIC5319BML
9AA
ADJ
–40°C to +125°C
6-pin 2x2 MLF™
MIC5319-2.8YD5
N928
2.8
–40°C to +125°C
Thin SOT23-5 Pb-Free
MIC5319-2.8YML
928
2.8
–40°C to +125°C
6-pin 2x2 MLF™ Pb-Free
MIC5319YML
9AA
ADJ
–40°C to +125°C
6-pin 2x2 MLF™ Pb-Free
Note:
1. For other output voltage options, contact Micrel marketing.
Pin Configuration
1
EN
GND
VIN
6 BYP
NC
VOUT
5
4
2
3
MIC5319-x.xBML
6-Pin 2mm x 2mm MLF™ (ML)
(Top View)
VIN
VOUT
BYP
EN
KWxx
1
3
45
2
GND
MIC5319-x.xBD5
TSOT-23-5 (D5)
(Top View)
1
EN
GND
VIN
6 BYP
ADJ
VOUT
5
4
2
3
MIC5319BML (Adjustable)
6-Pin 2mm x 2mm MLF™ (ML)
(Top View)
Pin Description
Pin Number
Pin Number
Pin Number
Pin Name
Pin Function
MLF-6 Fixed
MLF-6 Adj.
TSOT-23-5 Fixed
1
1
3
EN
Enable Input. Active High. High = on, low = off. Do not
leave floating.
2
2
2
GND
Ground.
3
3
1
VIN
Supply Input.
4
4
5
VOUT
Output voltage.
–
5
–
ADJ
Adjust Input: Connect to external resistor voltage divider network.
5
–
NC
No connection for fixed voltage parts.
6
6
4
BYP
Reference Bypass: Connect external 0.1µF to GND for reduced
output noise. May be left open.
HS Pad
HS Pad
–
EPAD
Exposed Heatsink Pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com