Electronic Components Datasheet Search
  English  ▼

X  

MSC1215 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSC1215
Description  17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1215 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSC1215 Datasheet HTML 8Page - OKI electronic componets MSC1215 Datasheet HTML 9Page - OKI electronic componets MSC1215 Datasheet HTML 10Page - OKI electronic componets MSC1215 Datasheet HTML 11Page - OKI electronic componets MSC1215 Datasheet HTML 12Page - OKI electronic componets MSC1215 Datasheet HTML 13Page - OKI electronic componets MSC1215 Datasheet HTML 14Page - OKI electronic componets MSC1215 Datasheet HTML 15Page - OKI electronic componets MSC1215 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12/22
MSC1215-xx
¡ Semiconductor
CS
Keyscan Stop
Keyscan
Display Data Output
Push
Figure 9. Keyscan Stop Timing
FUNCTIONAL DESCRIPTION
Pin Functional Description
•VDD
Power supply input pin
Connected to a 12V power supply
• GND
Ground Pin
This pin is 0V level.
• CLOCK
Serial clock input pin
•CS
Chip select input pin
When "H" is input to this pin, interfacing with a MCU is available through the CLOCK and the
DATA pins.
Therefore, 2 signal lines of the CLOCK and the DATA can be shared with other peripherals.
• DATA I/O (Input-output)
Serial data input-output pin
This pin inputs display data and outputs keyscan and A/D conversion data.
•VK
Daylight/dark mode selection input pin
When "H" is input, the dark mode is selected and an output duty cycle is determined by analog
or PWM data input into the VD pin.
When "L" is input, the daylight mode is selected and the output duty cycle becomes about
100%.
•VD
Analog/PWM dimming data input pin
Analog/PWM dimming mode selection will be done by an internal detection circuit automati-
cally.
•VREF
Reference voltage output pin for the A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com