Electronic Components Datasheet Search
  English  ▼

X  

MSC1215 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSC1215
Description  17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1215 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSC1215 Datasheet HTML 14Page - OKI electronic componets MSC1215 Datasheet HTML 15Page - OKI electronic componets MSC1215 Datasheet HTML 16Page - OKI electronic componets MSC1215 Datasheet HTML 17Page - OKI electronic componets MSC1215 Datasheet HTML 18Page - OKI electronic componets MSC1215 Datasheet HTML 19Page - OKI electronic componets MSC1215 Datasheet HTML 20Page - OKI electronic componets MSC1215 Datasheet HTML 21Page - OKI electronic componets MSC1215 Datasheet HTML 22Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18/22
MSC1215-xx
¡ Semiconductor
PWM Conversion Table
STEP No.
LAMP PWM
DUTY CYCLE
12.50%
100.00%
98.75%
97.50%
96.25%
95.00%
93.75%
92.50%
91.25%
90.00%
88.75%
87.50%
86.25%
85.00%
83.75%
82.50%
81.25%
80.00%
78.75%
77.50%
76.25%
75.00%
73.75%
72.50%
71.25%
70.00%
68.75%
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
STEP No.
VFD PWM
DUTY CYCLE
LAMP PWM
DUTY CYCLE
VFD PWM
DUTY CYCLE
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
67.50%
66.25%
65.00%
63.75%
62.50%
61.25%
60.00%
58.75%
57.50%
56.25%
55.00%
53.75%
52.50%
51.25%
50.00%
48.75%
47.50%
46.25%
45.00%
43.75%
42.50%
41.25%
40.00%
38.75%
37.50%
36.25%
35.00%
33.75%
32.50%
31.25%
30.00%
28.75%
27.50%
26.25%
25.00%
23.75%
22.50%
21.25%
20.00%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com