Electronic Components Datasheet Search
  English  ▼

X  

MSC1215 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSC1215
Description  17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1215 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSC1215 Datasheet HTML 9Page - OKI electronic componets MSC1215 Datasheet HTML 10Page - OKI electronic componets MSC1215 Datasheet HTML 11Page - OKI electronic componets MSC1215 Datasheet HTML 12Page - OKI electronic componets MSC1215 Datasheet HTML 13Page - OKI electronic componets MSC1215 Datasheet HTML 14Page - OKI electronic componets MSC1215 Datasheet HTML 15Page - OKI electronic componets MSC1215 Datasheet HTML 16Page - OKI electronic componets MSC1215 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
MSC1215-xx
¡ Semiconductor
• CH1-6
Analog voltage input pin for the A/D converter
• COL1-4
Key matrix input pins
These pins are active "Low" and pulled up to "H" through built-in resistors except when "L" is
input by a pushed down key.
• ROW1-3
Key matrix scanning output
Normally ROW1-3 output "L", by detecting the key switch to be pushed down or released, a
key scan starts, sending CS pulses two times and VF data, after above turning the CS pin to "L"
from "H". After scan stops, all the ROW outputs turn to "L".
• OSC0, 1
RC oscillation input pins
A resistor and a capacitor are connected to these pins. (See figure below)
OSC1
OSC0
R
C
• SEG1-17
Segment output pins
• GRID1, 2
Grid output pins
Output an inverted signal of a grid signal.
These pins are connected to inputs of external drivers (such as a PNP transistor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com