Electronic Components Datasheet Search
  English  ▼

X  

MSC1215 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1215
Description  17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1215 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1215 Datasheet HTML 1Page - OKI electronic componets MSC1215 Datasheet HTML 2Page - OKI electronic componets MSC1215 Datasheet HTML 3Page - OKI electronic componets MSC1215 Datasheet HTML 4Page - OKI electronic componets MSC1215 Datasheet HTML 5Page - OKI electronic componets MSC1215 Datasheet HTML 6Page - OKI electronic componets MSC1215 Datasheet HTML 7Page - OKI electronic componets MSC1215 Datasheet HTML 8Page - OKI electronic componets MSC1215 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
MSC1215-xx
¡ Semiconductor
BLOCK DIAGRAM
GRID1
GRID2
VK
VD
OSC1
+
+
-
VDD
GND
CS
DATA I/O
OSC0
CLOCK
SW2
SW1
PWMOUT
5V
SEG1
SEG17
34Æ17 Segment Control
17 Segment VF Tube Driver
P. O. R
Regulator
bit 34-18
(Grid2)
bit 17-1
(Grid1)
34-bit Latch
L
D bit34
bit1
Test
Mode
Select
3-bit
Latch
Test1-8
SW1 (VF Data)
SW2 (Keyscan)
SW3 (A/D)
3-bit
S/R
34-bit Shift Register
to PWM OUT
Timing
R
Timing Generator
Grid
Pre-driver
OSC
MUX
Latch
PWM
Logarithm Counter
Select
D/A
Decoder
De-glitch
PWM detector
Look up table
6-bit dig. comp.
SW3
SI
Set
S
S
PE
out
LL
L
44
4
44
4
4-bit
Latch
Timing
Generator
Detector
Read Enable
"H"at SW2 ON
Row
Col
Channel
Select
Timing
Generator
PE
O
36-bit
S/R
6ch 6-bit
A/D
& Logic
"H" at SW3 ON
Read Eable
CH1
CH2
CH3
CH4
CH5
CH6
VREF
VREF
12-bit Presetable S/R
With 100kW pull-up resistor
-
32 1
3 2 1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com