Electronic Components Datasheet Search
  English  ▼

X  

MSC1230 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1230 Datasheet(HTML) 4 Page - OKI electronic componets

  MSC1230 Datasheet HTML 1Page - OKI electronic componets MSC1230 Datasheet HTML 2Page - OKI electronic componets MSC1230 Datasheet HTML 3Page - OKI electronic componets MSC1230 Datasheet HTML 4Page - OKI electronic componets MSC1230 Datasheet HTML 5Page - OKI electronic componets MSC1230 Datasheet HTML 6Page - OKI electronic componets MSC1230 Datasheet HTML 7Page - OKI electronic componets MSC1230 Datasheet HTML 8Page - OKI electronic componets MSC1230 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
MSC1230
¡ Semiconductor
PIN DESCRIPTION
Symbol
Type
Decription
SEG1 to 37
O
Output pins for segment signals for driving VF display tube.
GRID1 to 3
O
Output pins for grid signals for driving VF display tube.
The GRID3 output is not used when the universal VF display tube is used.
SEL
I
When at a "L" level, this pin selects 1/3-duty VF display tube.
When at a "H" level (or when used in the open state), this pin selects universal
VF display tube.
I
DATA-IN
CLOCK
OSC1
CS
VDD1
VDD2
VDD3
LGND
Pin for series data input from microprocessor.
Data is input to the shift register on the rising edge of the CLOCK signal.
Serial clock input pin.
Data is input through the DATA-IN pin at the rising edge of the serial clock.
RC oscillator connecting pins.
Connect a resistor between the OSC1 and OSC0 pins and a capacitor between
the OSC0 pin and the ground.
Chip select input pin. Circuit operation is valid when this pin is at a "L" level.
Power supply pins. When using these pins, connect each of them to the power
supply.
Ground pins for driver and logic. These pins can be connected with each other
when they are used.
I
I
I
—
OSC0
Pin
34 to 46,
52 to 56,
1 to 19
30 to 32
25
28
27
24
26
23
47
51
29
49
—
O
DGND
21
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com