Electronic Components Datasheet Search
  English  ▼

X  

MSC1230 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1230 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1230 Datasheet HTML 3Page - OKI electronic componets MSC1230 Datasheet HTML 4Page - OKI electronic componets MSC1230 Datasheet HTML 5Page - OKI electronic componets MSC1230 Datasheet HTML 6Page - OKI electronic componets MSC1230 Datasheet HTML 7Page - OKI electronic componets MSC1230 Datasheet HTML 8Page - OKI electronic componets MSC1230 Datasheet HTML 9Page - OKI electronic componets MSC1230 Datasheet HTML 10Page - OKI electronic componets MSC1230 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
MSC1230
¡ Semiconductor
CS-All Data Output Delay
m
s
Parameter
Oscillation Frequency
Clock Frequency
Clock Pulse Width
DATA Setup Time
DATA Hold Time
CS Off Time
CS Pulse Width
CS Setup Time
CS-Clock Time
CS Hold Time
Clock-CS Time
Min.
Max.
Symbol
Condition
Unit
fOSC
fC
tCW
tDS
tDH
tCSW
tCSL
tCSS
tCSH
32
2
—
200
1
1.3
2
4.4
250
—
—
—
—
—
—
—
MHz
m
s
m
s
m
s
kHz
m
s
ns
m
s
m
s
—
—
Slew Rate (All Drivers)
CS Time at Power-on
Hold Time at Power-off
Rise Time at Power-on
CI=100 pF
tODS
tR
tPCS
tPOF
tPRZ
CI=100 pF
t=20% to 80% or 80% to 20%
—
5
300
—
—8
5
—
—
100
m
s
m
s
ms
m
s
R=4.7 kW , C=10 pF
(Ta=–40 to +85°C, VDD=8 to 18V)
—
—
—
—
—
When monuted on the unit
VDD=0.0 V
When monuted on the unit
—
8
—
2
External Input Frequency
into OSC0
fOSCI
External input only
2.7
3.7
MHz
AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com