Electronic Components Datasheet Search
  English  ▼

X  

MSC1230 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1230 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC1230 Datasheet HTML 1Page - OKI electronic componets MSC1230 Datasheet HTML 2Page - OKI electronic componets MSC1230 Datasheet HTML 3Page - OKI electronic componets MSC1230 Datasheet HTML 4Page - OKI electronic componets MSC1230 Datasheet HTML 5Page - OKI electronic componets MSC1230 Datasheet HTML 6Page - OKI electronic componets MSC1230 Datasheet HTML 7Page - OKI electronic componets MSC1230 Datasheet HTML 8Page - OKI electronic componets MSC1230 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
MSC1230
¡ Semiconductor
¡ Semiconductor
MSC1230
111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
GENERAL DESCRIPTION
The MSC1230 is a Bi-CMOS display driver with digital dimming function. It enables switching
between 1/3-duty vacuum fluorescent (VF) display tube and universal VF display tube by pin
control.
The MSC1230 consists of a 112-bit shift register, a 111-bit latch, a 10-bit digital dimming circuit,
37 segment drivers, and 3 grid drivers.
The MSC1230 provides an interface with a microcomputer only by three signal lines: CS,
DATA-IN, and CLOCK.
By using the chip select function, the DATA-IN and CLOCK signal lines can be shared
by other peripheral circuits.
FEATURES
• Power supply voltage
: VDD=8 V to 18 V (built-in 5 V regulator for logic circuit)
• Operating temperature range
: Ta=–40
°C to +85 °C
• 37-segment driver outputs
: IOH=–6 mA at VOH = VDD –0.8 V
• 3-grid driver outputs
: IOH=–30 mA at VOH = VDD –0.8 V
• Built-in digital dimming circuit (10-bit resolution)
• Switchable between 1/3-duty VF display tube and universal VF display tube*
When SEL pin is left open
: Selects universal VF display tube (The grids GRID1, GRID2,
and GRID1+GRID2 are turned on repeatedly in this order)
When SEL pin is used at 0 V : Selects 1/3-duty VF display tube (The grids GRID1, GRID2,
and GRID3 are turned on repeatedly in this order)
• Built-in oscillation circuit (external R and C)
• Built-in Power-On-Reset circuit
• Package:
56-pin plastic QFP (QFP56-P-910-0.65-2K)(Product name: MSC1230GS-2K)
*
A universal VF display tube is a display tube for which, like a gate array, the user can freely
design characters and patterns on the master layer (grid). (Pattern can be created without gaps
between grids.)
Since the outline dimensions of the display tube and the grid layout are predetermined,
desired patterns can be displayed in a short time.
The universal VF display tube is used for the display parts for audio equipment, household
appliances, and automobile equipment.
E2C0024-27-Y4
This version: Nov. 1997
Previous version: Jul. 1996


Similar Part No. - MSC1230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results

Similar Description - MSC1230

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com