Electronic Components Datasheet Search
  English  ▼

X  

MSC1230 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC1230
Description  111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1230 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC1230 Datasheet HTML 4Page - OKI electronic componets MSC1230 Datasheet HTML 5Page - OKI electronic componets MSC1230 Datasheet HTML 6Page - OKI electronic componets MSC1230 Datasheet HTML 7Page - OKI electronic componets MSC1230 Datasheet HTML 8Page - OKI electronic componets MSC1230 Datasheet HTML 9Page - OKI electronic componets MSC1230 Datasheet HTML 10Page - OKI electronic componets MSC1230 Datasheet HTML 11Page - OKI electronic componets MSC1230 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
MSC1230
¡ Semiconductor
Figure 1. Data Input Timing
Figure 2. SEG or GRID Driver Output Timing
Figure 3. Power-on Timing
VDD1, 2, 3
CS
tPCS
0V
8V
0.8V
3.8V
tPOF
tPRZ
CS
SEG1-37
GRID1-3
tODS
tCSW
0.8V
3.8V
20%
80%
tR
tODS
tR
CS
CLOCK
DATA-IN
fc
tcss
tcsw
tCSL
tcw
tcw
tCSH
tDS
tDH
tDS
tDH
tDS
tDH
VALID
VALID
VALID
0.8V
3.8V
0.8V
3.8V
0.8V
3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com