Electronic Components Datasheet Search
  English  ▼

X  

LTC2249CUH Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2249CUH
Description  14-Bit, 80Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2249CUH Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2249CUH Datasheet HTML 3Page - Linear Technology LTC2249CUH Datasheet HTML 4Page - Linear Technology LTC2249CUH Datasheet HTML 5Page - Linear Technology LTC2249CUH Datasheet HTML 6Page - Linear Technology LTC2249CUH Datasheet HTML 7Page - Linear Technology LTC2249CUH Datasheet HTML 8Page - Linear Technology LTC2249CUH Datasheet HTML 9Page - Linear Technology LTC2249CUH Datasheet HTML 10Page - Linear Technology LTC2249CUH Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2249
7
2249f
TYPICAL PERFOR A CE CHARACTERISTICS
SNR vs Input Level,
fIN = 70MHz, 2V Range
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, OVDD = 1.8V
IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
SFDR vs Input Level,
fIN = 70MHz, 2V Range
PI FU CTIO S
AIN+ (Pin 1): Positive Differential Analog Input.
AIN- (Pin 2): Negative Differential Analog Input.
REFH (Pins 3, 4): ADC High Reference. Short together and
bypass to pins 5, 6 with a 0.1µF ceramic chip capacitor as
close to the pin as possible. Also bypass to pins 5, 6 with
an additional 2.2µF ceramic chip capacitor and to ground
with a 1µF ceramic chip capacitor.
REFL (Pins 5, 6): ADC Low Reference. Short together and
bypass to pins 3, 4 with a 0.1µF ceramic chip capacitor as
close to the pin as possible. Also bypass to pins 3, 4 with
an additional 2.2µF ceramic chip capacitor and to ground
with a 1µF ceramic chip capacitor.
VDD (Pins 7, 32): 3V Supply. Bypass to GND with 0.1µF
ceramic chip capacitors.
GND (Pin 8): ADC Power Ground.
CLK (Pin 9): Clock Input. The input sample starts on the
positive edge.
SHDN (Pin 10): Shutdown Mode Selection Pin. Connect-
ing SHDN to GND and OE to GND results in normal
INPUT LEVEL (dBFS)
–50
–60
–70
30
40
50
–20
0
2249 G13
20
10
0
–40
–30
dBFS
dBc
–10
60
70
80
INPUT LEVEL (dBFS)
–80
60
dBc
dBFS
90
100
0
2249 G14
50
40
0
–60
–40
–20
20
120
110
80
70
30
10
100dBc SFDR
REFERENCE LINE
SAMPLE RATE (Msps)
0
50
55
65
70
75
85
10
50
70
2249 G15
60
80
40
90 100
20 30
60
80
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
0
1
3
4
5
7
10
50
70
2249 G16
2
6
40
90 100
20 30
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com