Electronic Components Datasheet Search
  English  ▼

X  

LTC2249CUH Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2249CUH
Description  14-Bit, 80Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2249CUH Datasheet(HTML) 1 Page - Linear Technology

  LTC2249CUH Datasheet HTML 1Page - Linear Technology LTC2249CUH Datasheet HTML 2Page - Linear Technology LTC2249CUH Datasheet HTML 3Page - Linear Technology LTC2249CUH Datasheet HTML 4Page - Linear Technology LTC2249CUH Datasheet HTML 5Page - Linear Technology LTC2249CUH Datasheet HTML 6Page - Linear Technology LTC2249CUH Datasheet HTML 7Page - Linear Technology LTC2249CUH Datasheet HTML 8Page - Linear Technology LTC2249CUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2249
1
2249f
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Sample Rate: 80Msps
■ Single 3V Supply (2.7V to 3.4V)
■ Low Power: 222mW
■ 73dB SNR at 70MHz Input
■ 90dB SFDR at 70MHz Input
■ No Missing Codes
■ Flexible Input: 1VP-P to 2VP-P Range
■ 575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■ Shutdown and Nap Modes
■ Pin Compatible Family
80Msps: LTC2229 (12-Bit), LTC2249 (14-Bit)
65Msps: LTC2228 (12-Bit), LTC2248 (14-Bit)
40Msps: LTC2227 (12-Bit), LTC2247 (14-Bit)
25Msps: LTC2226 (12-Bit), LTC2246 (14-Bit)
10Msps: LTC2225 (12-Bit), LTC2245 (14-Bit)
■ 32-Pin (5mm × 5mm) QFN Package
14-Bit, 80Msps
Low Power 3V ADC
The LTC
®2249 is a 14-bit 80Msps, low power 3V A/D
converter designed for digitizing high frequency, wide
dynamic range signals. The LTC2249 is perfect for de-
manding imaging and communications applications with
AC performance that includes 73dB SNR and 90dB SFDR
for signals well beyond the Nyquist frequency.
DC specs include ±1LSB INL (typ), ±0.5LSB DNL (typ) and
no missing codes over temperature. The transition noise
is a low 1.2LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.3V
logic.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
SNR vs Input Frequency,
–1dB, 2V Range
APPLICATIO S
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■ Ultrasound
■ Spectral Analysis
■ Portable Instrumentation
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D13
•
•
•
D0
CLK
REFH
REFL
ANALOG
INPUT
2229 TA01
OVDD
OGND
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
50
100
2249 G09
67
73
74
71
150
200


Similar Part No. - LTC2249CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
14-Bit, 80Msps Low Power 3V ADC
More results

Similar Description - LTC2249CUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2294 LINER-LTC2294 Datasheet
716Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
14-Bit, 80Msps Low Power 3V ADC
LTC2294 LINER-LTC2294_15 Datasheet
722Kb / 24P
Dual 12-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299_15 Datasheet
718Kb / 24P
Dual 14-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
14-Bit, 80Msps Low Power Quad ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com