Electronic Components Datasheet Search
  English  ▼

X  

LTC2249CUH Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2249CUH
Description  14-Bit, 80Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2249CUH Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2249CUH Datasheet HTML 12Page - Linear Technology LTC2249CUH Datasheet HTML 13Page - Linear Technology LTC2249CUH Datasheet HTML 14Page - Linear Technology LTC2249CUH Datasheet HTML 15Page - Linear Technology LTC2249CUH Datasheet HTML 16Page - Linear Technology LTC2249CUH Datasheet HTML 17Page - Linear Technology LTC2249CUH Datasheet HTML 18Page - Linear Technology LTC2249CUH Datasheet HTML 19Page - Linear Technology LTC2249CUH Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2249
20
2249f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 1004 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1741
12-Bit, 65Msps ADC
72dB SNR, 87dB SFDR, 48-Pin TSSOP Package
LTC1742
14-Bit, 65Msps ADC
76.5dB SNR, 90dB SFDR, 48-Pin TSSOP Package
LTC1743
12-Bit, 50Msps ADC
72.5dB SNR, 90dB SFDR, 48-Pin TSSOP Package
LTC1744
14-Bit, 50Msps ADC
77dB SNR, 90dB SFDR, 48-Pin TSSOP Package
LTC1745
12-Bit, 25Msps ADC
72.2dB SNR, 380mW SFDR, 48-Pin TSSOP Package
LTC1746
14-Bit, 25Msps ADC
77.5dB SNR, 390mW SFDR, 48-Pin TSSOP Package
LTC1747
12-Bit, 80Msps ADC
72dB SNR, 87dB SFDR, 48-Pin TSSOP Package
LTC1748
14-Bit, 80Msps ADC
76.3dB SNR, 90dB SFDR, 48-Pin TSSOP Package
LTC1749
12-Bit, 80Msps Wideband ADC
Up to 500MHz IF Undersampling, 87dB SFDR
LTC1750
14-Bit, 80Msps Wideband ADC
Up to 500MHz IF Undersampling, 90dB SFDR
LTC2220
12-Bit, 170Msps ADC
890mW, 67.7dB SNR, 9mm x 9mm QFN Package
LTC2221
12-Bit, 135Msps ADC
630mW, 67.8dB SNR, 9mm x 9mm QFN Package
LTC2222
12-Bit, 105Msps ADC
475mW, 68.4dB SNR, 7mm x 7mm QFN Package
LTC2223
12-Bit, 80Msps ADC
366mW, 68.5dB SNR, 7mm x 7mm QFN Package
LTC2224
12-Bit, 135Msps ADC
630mW, 67.6dB SNR, 7mm x 7mm QFN Package
LTC2225
12-Bit, 10Msps ADC
60mW, 71.3dB SNR, 5mm x 5mm QFN Package
LTC2226
12-Bit, 25Msps ADC
75mW, 71.4dB SNR, 5mm x 5mm QFN Package
LTC2227
12-Bit, 40Msps ADC
120mW, 71.4dB SNR, 5mm x 5mm QFN Package
LTC2228
12-Bit, 65Msps ADC
205mW, 71.3dB SNR, 5mm x 5mm QFN Package
LTC2229
12-Bit, 80Msps ADC
211mW, 70.6dB SNR, 5mm x 5mm QFN Package
LTC2230
10-Bit, 170Msps ADC
890mW, 61.2dB SNR, 9mm x 9mm QFN Package
LTC2231
10-Bit, 135Msps ADC
630mW, 61.2dB SNR, 9mm x 9mm QFN Package
LTC2232
10-Bit, 105Msps ADC
475mW, 61.3dB SNR, 7mm x 7mm QFN Package
LTC2233
10-Bit, 80Msps ADC
366mW, 61.3dB SNR, 7mm x 7mm QFN Package
LTC2234
10-Bit, 135Msps ADC
630mW, 61.2dB SNR, 7mm x 7mm QFN Package
LTC2236
10-Bit, 25Msps ADC
75mW, 61.8dB SNR, 5mm × 5mm QFN Package
LTC2237
10-Bit, 40Msps ADC
120mW, 61.8dB SNR, 5mm × 5mm QFN Package
LTC2238
10-Bit, 65Msps ADC
205mW, 61.8dB SNR, 5mm × 5mm QFN Package
LTC2239
10-Bit, 80Msps ADC
211mW, 61.6dB SNR, 5mm × 5mm QFN Package
LTC2245
14-Bit, 10Msps ADC
60mW, 74.4dB SNR, 5mm × 5mm QFN Package
LTC2246
14-Bit, 25Msps ADC
75mW, 74.5dB SNR, 5mm × 5mm QFN Package
LTC2247
14-Bit, 40Msps ADC
120mW, 74.4dB SNR, 5mm × 5mm QFN Package
LTC2248
14-Bit, 65Msps ADC
205mW, 74.3dB SNR, 5mm × 5mm QFN Package
LT5512
DC-3GHz High Signal Level Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LT5514
Ultralow Distortion IF Amplifier/ADC Driver
450MHz 1dB BW, 47dB OIP3, Digital Gain Control
with Digitally Controlled Gain
10.5dB to 33ddB in 1.5dB/Step
LT5515
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
20dBm IIP3, Integrated LO Quadrature Generator
LT5516
0.8GHz to 1.5GHz Direct Conversion Quadrature Demodulator
21.5dBm IIP3, Integrated LO Quadrature Generator
LT5517
40MHz to 900MHz Direct Conversion Quadrature Demodulator
21dBm IIP3, Integrated LO Quadrature Generator
LT5522
600MHz to 2.7GHz High Linearity Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz,
NF = 12.5dB, 50Ω Single-Ended RF and LO Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com