| Electronic Components Datasheet Search |
|
SMD1102 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMD1102 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc. |
|
7 / 14 page ![]() 7 2033 8.1 10/04/01 SMD1102 / 1103 / 1113 SUMMIT MICROELECTRONICS, Inc. Figure 4. Auto-Increment Continuous Read Sequence Figure 5. Programming the Auto-Monitor Limit Registers Figure 6. Reading the Auto-Monitor Limit Registers Monitor Option Upper/Lower 1 0 0 U/L 0 0 0 0 A C K S T A R T A C K A C K S T O P D9 OP0 1 E/C CH1 CH0 D8 D7 D6 D5 D4 D3 D2 D1 D0 R/M 2033 Fig05 Channel Address SCL SDA Device Type Identifier Figure 2. Single Channel Read Sequence Channel Address Echo 1 0 0 CH1 A C K S T A R T A C K A C K D9 CH0 0 0 00 1 E/C CH1 CH0 D8 D7 D6 D5 D4 D3 D2 D1 D0 R/M 2033 Fig03 3.0 Channel Address CH1 A C K D9 CH0 0 Conversion #2 0 0 0 D8 D7 D6 Conversion #1 Channel Address SCL SDA Device Type Identifier Figure 3. Single Channel Continuous Read Sequence Channel Address Echo 1 0 0 CH1 A C K S T A R T A C K N A C K S T O P D9 CH0 0 0 00 1 E/C CH1 CH0 D8 D7 D6 D5 D4 D3 D2 D1 D0 R/M 2033 Fig02 Channel Address SCL SDA Device Type Identifier Monitor Option Lower Limit 10 0 0 A C K S T A R T A C K A C K D9 OP0 1 1 CH1 CH0 D8 D7 D6 D5 D4 D3 D2 D1 D0 R/M SCL SDA 2033 Fig06 1 CH1 CH0 0 Monitor Option Upper Limit 1 A C K D9 OP0 D8 D7 D6 D5 D4 D3 D2 D1 D0 1 CH1 CH0 0 N A C K S T O P Channel 0 Address Echo 1 0 0 CH1 A C K S T A R T A C K A C K D9 CH0 0 0 00 1 CH1 CH0 D8 D7 D6 D5 D4 D3 D2 D1 D0 R/M 2033 Fig04 Channel 1 Address CH1 A C K D9 CH0 0 Conversion #2 Channel 1 0 0 0 D8 D7 D6 Conversion #1 Channel 0 Channel Address = 11 SCL SDA Device Type Identifier E/C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |