Electronic Components Datasheet Search
  English  ▼

X  

SMD1102 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMD1102
Description  10-Bit Data Acquisition System for Autonomous Environmental Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1102 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMD1102 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
2033 8.1 10/04/01
SMD1102 / 1103 / 1113
SUMMIT MICROELECTRONICS, Inc.
Figure 10. Resetting SMB
ALERT#
Figure 8. Four Alert Conditions
Figure 9. SMB
ALERT# Response Sequence
00
1
1
A
C
K
N
A
C
K
S
T
A
R
T
S
T
O
P
0
CH1 CH0
2033 Fig10
SCL
SMBALERT#
SDA
R/M
Once the SMBALERT# signal has been asserted it must be
reset before further communication with the device, with
the exception of the SMBALERT# response sequence.
Resetting the SMBALERT# is accomplished by performing
a read operation.
Figure 10 shows the SMBALERT# signal being reset by a
Read operation.
Note: a Read operation that is used to reset the
SMBALERT# will not return valid data.
Monitor
Option Bits
x
x
Lower
Upper
2033 Fig08
ALERT
REGION
ALERT
REGION
ALERT
REGION
ALERT
REGION
3FF
Solid line
indicates
alert set if
conv = limit
Upper limit
Dashed line
indicates
alert NOT set
if conv = limit
000
"00"
"01"
"10"
"11"
3FF
000
ALERT
REGION
ALERT
REGION
3FF
000
3FF
000
Lower limit
Device Type
Identifier
00
1
0
CH1
A
C
K
N
A
C
K
S
T
A
R
T
S
T
O
P
CH0
10
0
1
1
00
0
R/M
2033 Fig09
Alert Response
Address
SCL
SMBALERT#
SDA
Offending Channel
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com