Electronic Components Datasheet Search
  English  ▼

X  

SMD1102 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMD1102
Description  10-Bit Data Acquisition System for Autonomous Environmental Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1102 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMD1102 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
2033 8.1 10/04/01
SMD1102 / 1103 / 1113
SUMMIT MICROELECTRONICS, Inc.
Start and Stop Conditions
Both Data and Clock lines remain high when the bus is not
busy. Data transfer between devices may be initiated with
a Start condition only when SCL and SDA are high. A high-
to-low transition of the Data line while the Clock line is high
is defined as a Start condition. A low-to-high transition of
the Data line while the Clock line is high is defined as a Stop
condition. See Figure 12.
Acknowledge
Data is always transferred in 8-Bit bytes. Acknowledge
(ACK) is used to indicate a successful data transfer. The
Transmitting device will release the bus after transmitting
eight bits. During the ninth clock cycle the Receiver will
pull the SDA line low to Acknowledge that it received the
eight bits of data (See Figure 13). The termination of a
Master Read sequence is indicated by a non-Acknowl-
edge (NACK), where the Master will leave the Data line
high.
In the case of a Read from a Summit part, when the last
byte has been transferred to the Master, the Master will
leave the Data line high for a NACK. This will cause the
Summit part to stop sending data, and the Master will issue
a Stop on the clock pulse following the NACK.
In the case of a Write to a Summit part the Master will send
a Stop on the clock pulse after the last Acknowledge. This
will indicate to the Summit part that it should begin its
internal nonvolatile write cycle.
Read and Write
The first byte from a Master is always made up of the eight
bits illustrated in Table 1.
In the read mode the SMD1102/1103/1113 transmits eight
bits of data, then releases the SDA line, and monitors the
line for an Acknowledge signal. If an Acknowledge is
detected, and no STOP condition is generated by the
Master, the device will continue to transmit data. If an
Acknowledge is not detected (NACK), the device will
terminate further data transmission.
In the write mode the SMD1102/1103/1113 receives eight
bits of data, then generates an Acknowledge signal. It will
continue to generate ACKs until a STOP condition is
generated by the Master.
Protocol
The protocol defines any device that sends data onto the
bus as a Transmitter, and any device that receives data as
a Receiver. The device controlling data transmission is
called the Master, and the controlled device is called the
Slave. In all cases the Summit Microelectronic devices
are slave devices, since they never initiate any data
transfers.
2033 Fig10
SCL
SDA In
START
Condition
STOP
Condition
Figure 12. Start and Stop Conditions
Figure 13. Acknowledge Timing
SCL
SDA
Trans
SDA
Rec
1
2
3
8
9
ACK
2033 Fig11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com