Electronic Components Datasheet Search
  English  ▼

X  

AD5693R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5693R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693R Datasheet(HTML) 1 Page - Analog Devices

  AD5693R Datasheet HTML 1Page - Analog Devices AD5693R Datasheet HTML 2Page - Analog Devices AD5693R Datasheet HTML 3Page - Analog Devices AD5693R Datasheet HTML 4Page - Analog Devices AD5693R Datasheet HTML 5Page - Analog Devices AD5693R Datasheet HTML 6Page - Analog Devices AD5693R Datasheet HTML 7Page - Analog Devices AD5693R Datasheet HTML 8Page - Analog Devices AD5693R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Tiny 16-/14-/12-Bit I2C nanoDAC+, with
±2 LSB INL (16-Bit) and 2 ppm/°C Reference
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrasmall package: 2 mm × 2 mm, 8-lead LFCSP
High relative accuracy (INL): ±2 LSB maximum at 16 bits
AD5693R/AD5692R/AD5691R
Low drift, 2.5 V reference: 2 ppm/°C typical
Selectable span output: 2.5 V or 5 V
AD5693
External reference only
Selectable span output: VREF or 2 × VREF
Total unadjusted error (TUE): ±0.06% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.05 % of FSR maximum
Low glitch: 0.1 nV-sec
High drive capability: 20 mA
Low power: 1.2 mW at 3.3 V
1.8 V VLOGIC compatible
Wide operating temperature range: −40°C to +105°C
APPLICATIONS
Process controls
Data acquisition systems
Digital gain and offset adjustment
Programmable voltage sources
Optical modules
GENERAL DESCRIPTION
The AD5693R/AD5692R/AD5691R/AD5693, members of the
nanoDAC+® family, are low power, single-channel, 16-/14-/12-bit
buffered voltage output DACs. The devices, except the AD5693,
include an enabled by default internal 2.5 V reference, offering
2 ppm/°C drift. The output span can be programmed to be 0 V to
VREF or 0 V to 2 × VREF. All devices operate from a single 2.7 V to
5.5 V supply and are guaranteed monotonic by design. The
devices are available in a 2.00 mm × 2.00 mm, 8-lead LFCSP or
a 10-lead MSOP.
The internal power-on reset circuit ensures that the DAC register
is written to zero scale at power-up while the internal output
buffer is configured in normal mode. The AD5693R/AD5692R/
AD5691R/AD5693 contain a power-down mode that reduces the
current consumption of the device to 2 µA (maximum) at 5 V and
provides software selectable output loads.
The AD5693R/AD5692R/AD5691R/AD5693 use an I2C
interface. Some device options also include an asynchronous
RESET pin and a VLOGIC pin, allowing 1.8 V compatibility.
FUNCTIONAL BLOCK DIAGRAM
AD5693R/
AD5692R/
AD5691R
VREF
GND
LDAC
REF
VDD
VLOGIC
POWER-DOWN
CONTROL LOGIC
DAC
REGISTER
POWER-ON
RESET
2.5V
REF
OUTPUT
BUFFER
16-/14-/12-BIT
DAC
INPUT
CONTROL LOGIC
VOUT
SCL
SDA
RESET
A0
RESISTOR
NETWORK
Figure 1. MSOP
AD5693R/
AD5692R/
AD5691R/
AD5693
VREF
GND
REF
VDD
LDAC OR VLOGIC OR RESET1
POWER-DOWN
CONTROL LOGIC
DAC
REGISTER
POWER-ON
RESET
2.5V REF2
OUTPUT
BUFFER
16-/14-/12-BIT
DAC
INPUT
CONTROL LOGIC
VOUT
SCL
SDA
A0
RESISTOR
NETWORK
1NOT ALL PINS AVAILABLE IN ALL 8-LEAD LFCSP MODELS.
2NOT AVAILABLE IN THE AD5693.
Figure 2. LFCSP
Table 1. Related Devices
Interface
Reference
16-Bit
14-Bit
12-Bit
SPI
Internal
AD5683R
AD5682R
AD5681R
External
AD5683
I2C
Internal
AD5693R
AD5692R
AD5691R
External
AD5693
PRODUCT HIGHLIGHTS
1. High relative accuracy (INL): ±2 LSB maximum
(AD5693R/AD5693, 16-bit).
2. Low drift, 2.5 V on-chip reference: 2 ppm/°C typical and
5 ppm/°C maximum temperature coefficient.
3. 2 mm × 2 mm, 8-lead LFCSP and 10-lead MSOP.


Similar Part No. - AD5693R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD569 AD-AD569 Datasheet
469Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569 Datasheet
433Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569 Datasheet
501Kb / 13P
16-Bit Monotonic Voltage Output D/A Converter
23-Feb-2017
AD5694 AD-AD5694 Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
More results

Similar Description - AD5693R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5683R AD-AD5683R Datasheet
882Kb / 28P
Tiny 16-/14-/12-Bit SPI nanoDAC
12/2016-Rev. C to Rev. D
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
Dual, 16-/12-Bit nanoDAC
7/2017-Rev. A to Rev. B
AD5686 AD-AD5686 Datasheet
746Kb / 27P
Quad, 16-/12-Bit nanoDAC
6/2017-Rev. B to Rev. C
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
4/2017-Rev. C to Rev. D
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com