Electronic Components Datasheet Search
  English  ▼

X  

AD5693R Datasheet(PDF) 9 Page - Analog Devices

Part # AD5693R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5693R Datasheet HTML 5Page - Analog Devices AD5693R Datasheet HTML 6Page - Analog Devices AD5693R Datasheet HTML 7Page - Analog Devices AD5693R Datasheet HTML 8Page - Analog Devices AD5693R Datasheet HTML 9Page - Analog Devices AD5693R Datasheet HTML 10Page - Analog Devices AD5693R Datasheet HTML 11Page - Analog Devices AD5693R Datasheet HTML 12Page - Analog Devices AD5693R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 9 of 26
3
GND
4
A0
1
VDD
2
LDAC
6 SDA
5 SCL
8 VOUT
7 VREF
AD5693R/
AD5692R/
AD5691R/
AD5693
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 6. AD5693R/AD5692R/AD5691R/AD5693 Pin Configuration, 8-Lead LFCSP, LDAC Option
Table 8. AD5693R/AD5692R/AD5691R/AD5693 Pin Function Descriptions, 8-Lead LFCSP, LDAC Option
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. Decouple the supply to GND.
2
LDAC
Load DAC. Transfers the content of the input register to the DAC register. It can be operated in two modes,
asynchronously and synchronously, as shown in Figure 4. This pin can be tied permanently low and the DAC
updates when new data is written to the input register.
3
GND
Ground Reference.
4
A0
Programmable Address for Multiple Package Decoding. The address pin can be updated on-the-fly.
5
SCL
Serial Clock Line.
6
SDA
Serial Data Input/Output.
7
VREF
Reference Input/Output. In the AD5693R/AD5692R/AD5691R, this is a reference output pin by default. In the AD5693,
this pin is a reference input only. It is recommended to use a 10 nF decoupling capacitor for the internal reference.
8
VOUT
Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation.
EPAD
Exposed Pad. Connect the exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com