Electronic Components Datasheet Search
  English  ▼

X  

AD5693R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5693R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5693R Datasheet HTML 16Page - Analog Devices AD5693R Datasheet HTML 17Page - Analog Devices AD5693R Datasheet HTML 18Page - Analog Devices AD5693R Datasheet HTML 19Page - Analog Devices AD5693R Datasheet HTML 20Page - Analog Devices AD5693R Datasheet HTML 21Page - Analog Devices AD5693R Datasheet HTML 22Page - Analog Devices AD5693R Datasheet HTML 23Page - Analog Devices AD5693R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 20 of 26
SERIAL INTERFACE
The AD5693R/AD5692R/AD5691R/AD5693 have 2-wire, I2C-
compatible serial interfaces. These devices can be connected to
an I2C bus as a slave device, under the control of a master
device. See Figure 3 for a timing diagram of a typical write
sequence.
The AD5693R/AD5692R/AD5691R/AD5693 support standard
(100 kHz) and fast (400 kHz) data transfer modes. Support is
not provided for 10-bit addressing and general call addressing.
I2C SERIAL DATA INTERFACE
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address. The slave
address corresponding to the transmitted address responds
by pulling SDA low during the 9th clock pulse (this is
called the acknowledge (ACK) bit). At this stage, all other
devices on the bus remain idle while the selected device
waits for data to be written to, or read from, its shift
register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of SCL and remain stable during the high
period of SCL.
3. When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the ninth clock pulse (that is, the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, and then high during the 10th
clock pulse to establish a stop condition.
I2C ADDRESS
The AD5693R/AD5692R/AD5691R/AD5693 have a 7-bit slave
address. The five MSBs are 10011. The second last bit set by the
state of the A0 address pin and the LSB is 0. The ability to make
hardwired changes to A0 lets the user have two of these devices
on one bus, as outlined in Table 11. Additionally, the pin can be
updated before starting the transmission, allowing multiple
devices in the same bus by connecting the pin to a GPIO or a
multiplexer.
Table 11. Device Address Selection
A0 Pin Connection
A0
I2C Address
GND
0
1001100
VLOGIC (VDD on LFCSP Package)
1
1001110
WRITE OPERATION
When writing to the AD5693R/AD5692R/AD5691R/AD5693,
the user must begin with a start condition followed by an address
byte (R/W = 0), after which the DAC acknowledges that it is pre-
pared to receive data by pulling SDA low, as shown in Figure 47.
The AD5693R/AD5692R/AD5691R/AD5693 require a
command byte that controls various DAC functions (see Table 12)
and two bytes of data for the DAC. All these data bytes are
acknowledged by the AD5693R/AD5692R/AD5691R/AD5693. A
stop condition follows. The write sequence is shown in Figure 47.
SCL
SDA
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 3
DATA HIGH BYTE
FRAME 4
DATA LOW BYTE
FRAME 2
COMMAND BYTE
ACK BY
AD5693R/AD5692R/AD5691R/AD5693
ACK BY
AD5693R/AD5692R/AD5691R/AD5693
ACK BY
AD5693R/AD5692R/AD5691R/AD5693
STOP BY
MASTER
ACK BY
AD5693R/AD5692R/AD5691R/AD5693
SCL
(CONTINUED)
SDA
(CONTINUED)
1
1
0
0
0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
A0
1
1
R/W
9
9
1
1
9
9
1
Figure 47. I2C Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com