Electronic Components Datasheet Search
  English  ▼

X  

AD5693R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5693R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5693R Datasheet HTML 18Page - Analog Devices AD5693R Datasheet HTML 19Page - Analog Devices AD5693R Datasheet HTML 20Page - Analog Devices AD5693R Datasheet HTML 21Page - Analog Devices AD5693R Datasheet HTML 22Page - Analog Devices AD5693R Datasheet HTML 23Page - Analog Devices AD5693R Datasheet HTML 24Page - Analog Devices AD5693R Datasheet HTML 25Page - Analog Devices AD5693R Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 22 of 26
The output stage is shown in Figure 48.
RESISTOR
NETWORK
VOUT
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 48. Output Stage During Power-Down
The output amplifier is shut down when the power-down mode
is activated. However, unless the internal reference is powered
down (using Bit DB12 in the control register), the bias
generator, reference, and resistor string remain on. The supply
current falls to 2 μA at 5 V. The contents of the DAC register are
unaffected when in power-down mode, and the DAC register can
continue to be updated. The time that is required to exit power-
down is typically 4 µs for VDD = 5 V, or 600 µs if the reference is
disabled.
Reset Bit
The AD5693R/AD5692R/AD5691R/AD5693 control register
contains a software reset bit that resets the DAC to zero-scale and
resets the input, DAC, and control registers to their default values.
A software reset is initiated by setting the RESET bit in the
control register to 1. When the software reset has completed,
the reset bit is cleared to 0 automatically.
READ OPERATION
When reading the input register back from the AD5693R/
AD5692R/AD5691R/AD5693 DACs, the user begins with an
address byte (R/W = 1), after which the DAC acknowledges that
it is prepared to receive data by pulling SDA low. Two bytes of
data containing the contents of the input register are then read
from the DAC, as shown in Figure 49. A NACK condition from
the master followed by a STOP condition completes the read
sequence.
SCL
SDA
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 3
DATA HIGH BYTE
FRAME 2
COMMAND BYTE
ACK BY
AD5693R/AD5692R/AD5691R/AD5693
NACK BY
MASTER
STOP BY
MASTER
ACK BY MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
1
1
0
0
0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
A0
1
1
R/W
9
9
1
1
9
Figure 49. I2C Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com