Electronic Components Datasheet Search
  English  ▼

X  

AD5761 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5761
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5761 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5761 Datasheet HTML 2Page - Analog Devices AD5761 Datasheet HTML 3Page - Analog Devices AD5761 Datasheet HTML 4Page - Analog Devices AD5761 Datasheet HTML 5Page - Analog Devices AD5761 Datasheet HTML 6Page - Analog Devices AD5761 Datasheet HTML 7Page - Analog Devices AD5761 Datasheet HTML 8Page - Analog Devices AD5761 Datasheet HTML 9Page - Analog Devices AD5761 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 6 of 31
TIMING CHARACTERISTICS
DVCC = 1.7 V to 5.5 V, all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Limit at TMIN to TMAX
Unit
Description
t11
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
15
ns min
SYNC falling edge to SCLK falling edge setup time
t5
10
ns min
SCLK falling edge to SYNC rising edge time
t6
20
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t9
10
ns min
LDAC falling edge to SYNC falling edge
t10
20
ns min
SYNC rising edge to LDAC falling edge
t11
20
ns min
LDAC pulse width low
t12
9
µs typ
DAC output settling time, 20 V step to 1 LSB at 16-bit resolution (see Table 3)
7.5
µs typ
DAC output settling time, 10 V step to 1 LSB at 16-bit resolution
t13
20
ns min
CLEAR pulse width low
t14
200
ns typ
CLEAR pulse activation time
t15
10
ns min
SYNC rising edge to SCLK falling edge
t16
40
ns max
SCLK rising edge to SDO valid (CL_SDO = 15 pF, where CL_SDO is the capacitive load on the SDO
output)
t17
50
ns min
Minimum SYNC high time (readback/daisy-chain mode)
1
Maximum SCLK frequency is 50 MHz for write mode and 33 MHz for readback mode.
Timing Diagrams
DB23
SCLK
SYNC
SDI
LDAC
CLEAR
VOUT
VOUT
VOUT
4
2
2
1
DB0
t12
t12
t10
t11
t14
t13
t9
t8
t7
t4
t6
t3
t2
t1
t5
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com