Electronic Components Datasheet Search
  English  ▼

X  

AD5761 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5761
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5761 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5761 Datasheet HTML 12Page - Analog Devices AD5761 Datasheet HTML 13Page - Analog Devices AD5761 Datasheet HTML 14Page - Analog Devices AD5761 Datasheet HTML 15Page - Analog Devices AD5761 Datasheet HTML 16Page - Analog Devices AD5761 Datasheet HTML 17Page - Analog Devices AD5761 Datasheet HTML 18Page - Analog Devices AD5761 Datasheet HTML 19Page - Analog Devices AD5761 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 16 of 31
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–2
–1
0
1
2
3
4
5
TIME (µs)
SYNC
500-CODE STEP, ±5V SPAN
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2kΩ||200pF
Figure 43. 500-Code Step Settling Time, ±5 V Range
–2
–1
0
1
2
3
4
5
TIME (µs)
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2kΩ||200pF
SYNC
500-CODE STEP, ±10V SPAN
Figure 44. 500-Code Step Settling Time, ±10 V Range
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
–5
0
5
10
15
20
TIME (µs)
0nF
1nF
5nF
7nF
10nF
VDD =+21V
VSS = –11V
TA = 25°C
LOAD = 2kΩ
Figure 45. Settling Time vs. Capacitive Load, ±10 V Range
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–3 –2 –1
1
0
2
3
4
5
6
7
8
9
10 11 12 13 14 15
TIME (µs)
0nF
1nF
5nF
7nF
10nF
VDD = +21V
VSS = –11V
TA = 25°C
LOAD = 2kΩ
Figure 46. Settling Time vs. Capacitive Load, 0 V to 5 V Range
–0.010
–0.009
–0.008
–0.007
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0.005
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (µs)
VDD = +21V
VSS = –11V
LOAD = 2k
Ω||200pF
TA = 25°C
Figure 47. Digital-to-Analog Glitch Energy, 0 V to 5 V Range
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (µs)
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
VDD = +21V
VSS = –11V
LOAD = 2k
Ω||200pF
TA = 25°C
Figure 48. Digital-to-Analog Glitch Energy, ±10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com