Electronic Components Datasheet Search
  English  ▼

X  

AD5761 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5761
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5761 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5761 Datasheet HTML 14Page - Analog Devices AD5761 Datasheet HTML 15Page - Analog Devices AD5761 Datasheet HTML 16Page - Analog Devices AD5761 Datasheet HTML 17Page - Analog Devices AD5761 Datasheet HTML 18Page - Analog Devices AD5761 Datasheet HTML 19Page - Analog Devices AD5761 Datasheet HTML 20Page - Analog Devices AD5761 Datasheet HTML 21Page - Analog Devices AD5761 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 18 of 32
SCLK
SDI
200µs/DIV
5V
5V
2V
5V
SYNC
VOUT
Figure 55. Software Full Reset Glitch from Zero Scale with Output Loaded,
±10 V Range
200µs/DIV
5V
5V
1V
5V
SCLK
SYNC
SDI
VOUT
Figure 56. Output Range Change Glitch, 0 V to 5 V Range
200µs/DIV
5V
5V
200mV
5V
SCLK
SYNC
SDI
VOUT
Figure 57. Output Range Change Glitch, ±10 V Range
–4
–2
0
2
4
6
8
10
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TIME (Seconds)
VDD = +21V
VSS = –11V
VREFIN = 2.5V
TA = 25°C
Figure 58. Peak-to-Peak Noise (Voltage Output Noise), 0.1 Hz to 10 Hz
Bandwidth
–30
–20
–10
0
10
20
30
–2.0
2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (Seconds)
VDD = +21V
VSS = –11V
TA = 25°C
Figure 59. Peak-to-Peak Noise (Voltage Output Noise), 100 kHz Bandwidth
FREQUENCY (Hz)
DAC OUTPUT NSD (nV/√Hz), EXT REF, ZS
DAC OUTPUT NSD (nV/√Hz), EXT REF, MS
DAC OUTPUT NSD (nV/√Hz), EXT REF, FS
VDD = +21V
VSS = –11V
TA = 25°C
Figure 60. DAC Output Noise Spectral Density vs. Frequency, ±10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com