Electronic Components Datasheet Search
  English  ▼

X  

AD5761 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5761
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5761 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5761 Datasheet HTML 19Page - Analog Devices AD5761 Datasheet HTML 20Page - Analog Devices AD5761 Datasheet HTML 21Page - Analog Devices AD5761 Datasheet HTML 22Page - Analog Devices AD5761 Datasheet HTML 23Page - Analog Devices AD5761 Datasheet HTML 24Page - Analog Devices AD5761 Datasheet HTML 25Page - Analog Devices AD5761 Datasheet HTML 26Page - Analog Devices AD5761 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
AD5761/AD5721
Rev. C | Page 23 of 31
Asynchronous DAC Update
In asynchronous DAC update mode, LDAC is held high while
data is being clocked into the input shift register. The DAC output
is asynchronously updated by taking LDAC low after SYNC is
taken high. The update then occurs on the falling edge of LDAC.
Reset Function (RESET)
The AD5761/AD5721 can be reset to its power-on state by two
means: either by asserting the RESET pin or by using the software
full reset registers (see Table 26).
Asynchronous Clear Function (CLEAR)
The CLEAR pin is a falling edge active input that allows the output
to be cleared to a user defined value. The clear code value is
programmed by writing to Bit 10 and Bit 9 in the control register
(see Table 11 and Table 12). It is necessary to maintain CLEAR low
for a minimum amount of time to complete the operation (see
Figure 2). When the CLEAR signal is returned high, the output
remains at the clear value until a new value is loaded to the
DAC register.
Alert Function (ALERT)
When the ALERT pin is asserted low, a readback from the
control register is required to clarify whether a short-circuit
or brownout condition occurred, depending on the values of
Bit 12 and Bit 11, SC and BO bits, respectively (see Table 15
and Table 16). If neither of these conditions occurred, the
temperature exceeded approximately 150°C.
The ALERT pin is low during power-up, a software full reset, or
a hardware reset. After the first write to the control register to
configure the DAC, the ALERT pin is asserted high.
In the event of the die temperature exceeding approximately 150°C,
the ALERT pin is low and the value of the ETS bit determines the
state of the digital supply of the device, whether the internal
digital supply is powered on or powered down. If the ETS bit is
set to 0, the internal digital supply is powered on when the internal
die temperature exceeds approximately 150°C. If the ETS bit is
set to 1, the internal digital supply is powered down when the
internal die temperature exceeds approximately 150°C and the
device becomes nonfunctional (see Table 11 and Table 12).
The AD5761/AD5721 temperature at power-up must be less
than 150°C for proper operation of the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com