Electronic Components Datasheet Search
  English  ▼

X  

AD5721 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5721
Description  Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5721 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5721 Datasheet HTML 22Page - Analog Devices AD5721 Datasheet HTML 23Page - Analog Devices AD5721 Datasheet HTML 24Page - Analog Devices AD5721 Datasheet HTML 25Page - Analog Devices AD5721 Datasheet HTML 26Page - Analog Devices AD5721 Datasheet HTML 27Page - Analog Devices AD5721 Datasheet HTML 28Page - Analog Devices AD5721 Datasheet HTML 29Page - Analog Devices AD5721 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
AD5761/AD5721
Data Sheet
Rev. C | Page 26 of 31
READBACK CONTROL REGISTER
The readback control register operation provides the contents of the control register by setting the register address to 1100. Table 14
outlines the 24-bit shift register for this command, where the last 16 bits are don’t care bits.
During the next command, the control register contents are shifted out of the SDO pin with the MSB shifted out first. Table 15 outlines
the 24-bit data read from the SDO pin, where DB23 is the first bit shifted out.
Table 14. Readback Control Register, 24-Bit Shift Register to the SDI Pin
MSB
LSB
DB[23:21]
DB20
DB[19:16]
DB[15:10]
XXX1
0
Register address
Register data
XXX1
0
1100
Don’t care
1 X means don’t care.
Table 15. Readback Control Register, 24-Bit Data Read from the SDO Pin
MSB
LSB
DB[23:21]
DB20
DB[19:16]
DB[15:13]
DB12
DB11
DB[10:9]
DB8
DB7
DB6
DB5
DB[4:3]
DB[2:0]
XXX1
0
Register address
Register data
XXX1
0
1100
XXXXX1
SC
BO
CV[1:0]
OVR
B2C
ETS
X1
PV[1:0]
RA[2:0]
1 X means don’t care.
Table 16. Readback Control Register Bit Descriptions
Bit Name
Description
SC
Short-circuit condition. The SC bit is reset at every control register write.
0: no short-circuit condition detected.
1: short-circuit condition detected.
BO
Brownout condition. The BO bit is reset at every control register write.
0: no brownout condition detected.
1: brownout condition detected.
UPDATE DAC REGISTER FROM INPUT REGISTER
The update DAC register function loads the DAC register with the data saved in the input register, and updates the DAC output voltage.
This operation is equivalent to a software LDAC. Table 17 outlines how data is written to the DAC register.
Table 17. Update DAC Register from Input Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
0010
Don’t care
1 X means don’t care.
READBACK DAC REGISTER
The readback DAC register operation provides the contents of the DAC register by setting the register address to 1011. Table 18 outlines
the 24-bit shift register for this command. During the next command, the DAC register contents are shifted out of the SDO pin with the
MSB shifted out first. Table 19 outlines the 24-bit data read from the SDO pin, where DB23 is the first bit shifted out.
Table 18. Readback DAC Register, 24-Bit Shift Register to SDI Pin
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB0
X1
X1
X1
0
Register address
Register data
X1
X1
X1
0
1011
Don’t care
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com