Electronic Components Datasheet Search
  English  ▼

X  

AM5706 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM5706
Description  Sitara Processors
PDF  395 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5706 Datasheet(HTML) 5 Page - Texas Instruments

  AM5706 Datasheet HTML 1Page - Texas Instruments AM5706 Datasheet HTML 2Page - Texas Instruments AM5706 Datasheet HTML 3Page - Texas Instruments AM5706 Datasheet HTML 4Page - Texas Instruments AM5706 Datasheet HTML 5Page - Texas Instruments AM5706 Datasheet HTML 6Page - Texas Instruments AM5706 Datasheet HTML 7Page - Texas Instruments AM5706 Datasheet HTML 8Page - Texas Instruments AM5706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 395 page
background image
5
AM5706, AM5708
www.ti.com
SPRS961D – AUGUST 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Revision History
Copyright © 2016–2018, Texas Instruments Incorporated
2
Revision History
Changes from October 1, 2017 to July 15, 2018 (from B Revision (October 2017) to D Revision)
Page
•
Updated ARM references to Arm in Section 1, Device Overview
.............................................................. 1
•
Added Secure Boot feature in Section 1.1, Features, Section 1.3, Description and Section 6.2, Functional Block
Diagram
................................................................................................................................ 1
•
Added 4K video processing capability to feature list
............................................................................. 1
•
Added IPU2 support for general use in AM570x
................................................................................ 1
•
Removed a part of Secure Boot Support information
........................................................................... 1
•
Removed table note under IPU2 restricting use to IVA support
............................................................... 6
•
Updated ARM references to Arm in Section 3, Device Comparison
.......................................................... 6
•
Added vpp ball information to Table 4-1, Pin Attributes, Table 4-30, Power Supply Signal Descriptions and
Table 4-32, Unused Balls Specific Connection Requirements
................................................................ 12
•
Updated ARM references to Arm in Section 4.3.25.4, Interrupt Controllers (INTC)
........................................ 99
•
Added tie-off guidance for unused dqs, dqsn and I2C2 pins to Table 4-32, Unused Balls Specific Connection
Requirements
...................................................................................................................... 116
•
Added table note for maximum valid input voltage on an IO pin to Section 5.1, Absolute Maximum Ratings
........ 118
•
Updated “D” DDR3 speed grade in Table 5-2, Speed Grade Maximum Frequency
...................................... 122
•
Updated Table 5-2 for better understanding of what is supported in AM5706
............................................ 122
•
Added references to notes under Table 5-10, LVCMOS CSI2 DC Electrical Characteristics
........................... 146
•
Removed voltage high level limits from Table 5-10, LVCMOS CSI2 DC Electrical Characteristics
.................... 146
•
Added new VPP Specification section about One-Time Programmable (OTP) eFuses
................................. 150
•
Updated vpp supply voltage range for normal operation in Table 5-14, Recommended Operating Conditions for
OTP eFuse Programming
........................................................................................................ 150
•
Updated Section 5.11.3, Power Supply Sequences
.......................................................................... 155
•
Updated notes regarding resetn timing under Figure 5-5, Power-Up Sequencing
........................................ 156
•
Updated system clock names in Section 5.11.4, Clock Specifications
.................................................... 157
•
Updated DPLL type A CLKOUT output frequency in Table 5-26, DPLL Type A Characteristics
....................... 166
•
Removed obsolete VIN1 and VIN2 IOSETs note
............................................................................. 172
•
Removed duplicated IOSETs from Table 5-32, VIN2 IOSETs
.............................................................. 173
•
Removed frequency restrictions on VOUT for 3.3V modes in Table 5-39, DPI Video Output i (i = 2, 3) Default
Switching Characteristics and Table 5-40, DPI Video Output i (i = 2, 3) Alternate Switching Characteristics
........ 183
•
Added MANUAL4 and MANUAL5 DPI VOUT Switching Characteristics in Table 5-45, DPI Video Output i (i = 2,
3) MANUAL4 Switching Characteristics and Table 5-46, DPI Video Output i (i = 2, 3) MANUAL5 Switching
Characteristics
..................................................................................................................... 184
•
Updated phase polarity in all QSPI timing figures
............................................................................. 230
•
Removed ACLKR and AFSR signals from McASP2
.......................................................................... 234
•
Updated Section 5.11.6.18, DCAN
............................................................................................. 253
•
Updated ARM references to Arm in Table 5-196, Switching Characteristics Over Recommended Operating
Conditions for IEEE 1149.1 JTAG With RTCK
................................................................................ 316
•
Updated ARM references to Arm throughout Section 6, Detailed Description
............................................ 319
•
Added Secure Boot feature to Section 6.1, Description and Section 6.2, Functional Block Diagram
.................. 319
•
Added TPS659163 PMIC support
............................................................................................... 355
•
Updated ARM references to Arm in Section 7.5, Thermal Solution Guidance
............................................ 379
•
Added High Security suffix “S” to Table 8-1, Nomenclature Description
.................................................. 384
•
Updated note for cosmetic marks on package
................................................................................. 384
•
Updated ARM references to Arm in Section 8, Device and Documentation Support
.................................... 386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com