Electronic Components Datasheet Search
  English  ▼

X  

20413 Datasheet(PDF) 4 Page - Texas Instruments

Part # 20413
Description  Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

20413 Datasheet(HTML) 4 Page - Texas Instruments

  20413 Datasheet HTML 1Page - Texas Instruments 20413 Datasheet HTML 2Page - Texas Instruments 20413 Datasheet HTML 3Page - Texas Instruments 20413 Datasheet HTML 4Page - Texas Instruments 20413 Datasheet HTML 5Page - Texas Instruments 20413 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
20413 Series Standard Constructions
20650 Series Standard Constructions
Small Oval Top Flange @ 90o
Exposed Disc
45o Screw terminals
Small Oval Bottom Flange @ 90o
Enclosed Disc
45o Screw Terminals
Small Oval Top Flange @ 45o CCW
Enclosed Disc
45o Screw Terminals
.063
(1.60)
1.563
(39.70)
.063
(1.60)
90o
.172
(4.37)
#10-24 NC-2 THD
(2 PLACES)
2.235 MAX
(56.77)
1.500
(38.10)
EXPOSED DISC
.350
(8.89)
1.18 MAX
(29.97)
1.575 MAX
(39.97)
2.00
(50.80)
.063
(1.60)
1.563
(39.70)
.063
(1.60)
90o
.172
(4.37)
#10-24 NC-2 THD
(2 PLACES)
2.235 MAX
(56.77)
1.500
(38.10)
ENCLOSED DISC
1.215 MAX
(30.86)
1.545 MAX
(39.24)
2.00
(50.80)
ENCLOSED DISC
1.215 MAX
(30.86)
2.235 MAX
(56.77)
.381
(9.68)
#10-24 NC-2 THD
(2 PLACES)
1.563
(39.70)
.063
(1.60)
1.500
(38.10)
.063
(1.60)
90o
2.00
(50.80)
1.545 MAX
(39.24)
DPST Automatic Reset
SPST Plus SPDT Automatic Reset
DPST Manual Reset
11/64” (4.3656) (2-PL.)
1/16” (1.588)
90o ±5o
PART NO.
2”
(50.8)
1 9/16”
(39.687)
1/16” (1.588)
STD. .250 (6.35) x .032
(0.787) THICK SPADE
TYPE QUICK CONNECT
TERMINAL (MATES WITH
ANY STD. A.M.P. OR
ARK-LES FEMALE TERM.)
(4-PL)
2.416 ±.046
(61.37) ±(1.168)
1.555 MAX (39.497)
.350 (8.89) ±.015 (0.381)
.920 ±.010 DIA
(23.368) ±(0.254)
.723 MAX (18.364)
ENCLOSED DISC
1 1/2” (38.10)
90o ±3o
1/16” (1.588)
PART NO.
1/16” (1.588)
2”
(50.8)
1 9/16”
(39.687)
1/4” (6.35) Q.C. TERMS
(5 PLS)
11/64” (4.366)
(2 PLS)
2.416 ±.046
(61.37) ±(1.168)
.723 MAX (18.364)
EXPOSED DISC
1 1/2” (38.10)
1.980 MAX
(50.292)
90o ±5o
1 9/16”
(39.687)
11/64” (4.366)
(2 PLS)
.723 MAX (18.364)
ENCLOSED DISC
2.416 ±.046
(61.37) ±(1.168)
1.750 MAX
(44.45)
.933 ±.010
(23.698) ±(0.254)
.093 ±.005
(2.363) ±(0.127)
.093 ±.005
(2.363) ±(0.127)
.415 ±.005
(10.54) ±(0.127)
1/4” (6.35) Q.C. TERM
(4 PLS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com