Electronic Components Datasheet Search
  English  ▼

X  

20413 Datasheet(PDF) 1 Page - Texas Instruments

Part # 20413
Description  Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

20413 Datasheet(HTML) 1 Page - Texas Instruments

  20413 Datasheet HTML 1Page - Texas Instruments 20413 Datasheet HTML 2Page - Texas Instruments 20413 Datasheet HTML 3Page - Texas Instruments 20413 Datasheet HTML 4Page - Texas Instruments 20413 Datasheet HTML 5Page - Texas Instruments 20413 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I NDUSTRIAL
SENSORS
&C ONTROLS
20413, 20600, 20650 SERIES
Snap-Action
Automatic and Manual reset
Fixed Temperature Thermostats
Key Features
• Klixon snap-action bimetal disc assures positive
make/break action.
• Available with surface, thru-wall,well or cavity-type mountings
• Temperature setting factory calibrated to your
specifications
• High capacity – up to 30 amps at 120, 240, and 277 VAC
resistive.
• Extra high capacity – up to 40 amps at 120 and 240 VAC
resistive
Automatic reset Standard Constructions
Manual Reset Standard Constructions
Single-Pole, Double-Throw
20600D
Small Oval Top Flange
Double-Pole, Single-Throw
20650
Small Oval Top Flange
Single-Pole, Single-Throw
20601 / 04 / 06 F or L
Small Oval Top Flange
Single-Pole, Single-Throw
20603 / 05 F or L
Small Oval Top Flange
Manual Override
20611 / 12 / 16L
Special Oval Bottom Flange
Manual Override
20650
Integral Surface Flange
Trip Free
20413
Small Oval Top Flange
Trip Free
20615 / 19L
Small Oval Top Flange


Similar Part No. - 20413

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
2041303200 ADVANTECH-2041303200 Datasheet
438Kb / 2P
LGA1200 10th Gen Intel® Xeon® and Core™ i9/i7/i5/i3 Half-size SHB with PCIe 3.0/Triple Independent Display/ Dual GbE LAN/SATA III/USB 3.2
21-Apr-2022
2041303201 ADVANTECH-2041303201 Datasheet
433Kb / 2P
LGA1200 10th Gen Intel® Core™ i9/i7/i5/ i3 Half-size SHB with PCIe 3.0/ Dual Independent Display/Dual GbE LAN/ SATA III/USB 3.2
20-Oct-2022
2041341100 ADVANTECH-2041341100 Datasheet
473Kb / 2P
Compact Vision System, Intel® 10th Gen Core i CPU, 4-CH Camera Interface for GigE PoE or USB 3.0,PCIe expansion slot, supports 4-CH Lighting and Isolated DIO
1-Apr-2022
More results

Similar Description - 20413

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
Reset Circuit with Manual Reset and Watchdog
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
Snap-Action Pushbuttons
logo
List of Unclassifed Man...
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
1/2 Disc Thermostats - Automatic Reset
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com