Electronic Components Datasheet Search
  English  ▼

X  

20413 Datasheet(PDF) 5 Page - Texas Instruments

Part # 20413
Description  Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

20413 Datasheet(HTML) 5 Page - Texas Instruments

  20413 Datasheet HTML 1Page - Texas Instruments 20413 Datasheet HTML 2Page - Texas Instruments 20413 Datasheet HTML 3Page - Texas Instruments 20413 Datasheet HTML 4Page - Texas Instruments 20413 Datasheet HTML 5Page - Texas Instruments 20413 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
20600 Series Preferred Physical Construction
Other Physical Constructions
1.797 (45.64) MAX
20601 / 04 / 08 F or L Small Oval Top Flange at 90o
1/4” Quick Connect Terminals
Exposed Disc
Enclosed Disc
.062 (1.57)
.172
(4.37)
90o ±5o
PART NO.
DATE CODE
2.000
(50.80)
.172
(4.37)
.062 (1.57)
1.563
(39.70)
1.105
(28.07) MAX
1.797 (45.64) MAX
.937 (23.80) DIA MAX
1.500 (38.10)
.381 (19.68)
.937 (23.80) DIA MAX
1.500 (38.10)
1.074
(27.28) MAX
.350 (8.89)
20601 / 04
No Flange Cup
Thru-Wall Mounting
Forked Terminals
20600D
Single-Pole, Double-Throw
Small Oval Top Flange
at 90o Rotation
Quick-Connect Terminals
20601 / 04 / 06 / 08
Small Oval Bottom Flange
at 90o Rotation
Quick-Connect Terminals
20601 / 04
Small Oval Flange
3/4” Depth Cup
Quick-Connect Terminals
20611 / 20616 / L
Manual Reset, Manual Override
Integral Flange, Surface Mounting
Quick-Connect Terminals
20615L / 206619L
Special Oval Bottom Flange
Manual reset, Trip Free, Surface Mounting
45o Screw Terminals
STANDARD .250 WIDE x .032 THICK
SPADE TYPE Q.C. TERMINAL AT 45o
L MAX = 3.25 (82.55)
L MIN = 1.0 (25.40)
±.005 (.13)
.187 (.475)
.38 (9.65)
TYP
A MAX = 2.8 (71.12)
A MIN = .6 (15.24)
1.030 MAX
(26.16)
.350 (8.89)
H MAX = 2.8 (71.12)
A MIN = .6 (15.24)
EXPOSED DISC
.937 DIA MAX
(23.80)
±.005 (.13)
1.000 DIA (25.4)
STANDARD .250
WIDE x .032 THICK
SPADE TYPE QUICK
CONNECT TERMINAL
MATES WITH ANY
STANDARD AMP OR
ARK-LES FEMALE
TERMINAL
(3 TERMINALS)
STANDARD .250 WIDE x .032 THICK SPADE TYPE
QUICK-CONNECT TERMINAL (MATES WITH ANY
STANDARD AMP OR ARK-LES FEMALE TERMINAL).
.172
(4.37)
.062 (1.57)
1.563
(39.70)
2.00
(50.80)
.312
(7.92)
.062 (1.57)
.500 (12.7) R
(2 PLACES)
.172 (4.37)
2.336 (59.33)
.615 (15.62)
.013
(.33)
1.484
(37.69)
.381 (9.68)
1.563
(39.70)
1.080
(27.43)
.707
(17.96)
.062 (1.57)
1.563
(39.70)
2.00
(50.80)
.312
(7.92)
.062 (1.57)
.172
(4.37)
.500 (12.7) R
(2 PLACES)
1.563
(39.70)
.
796 (20.22)
.020
(.51)
1.797 (45.64)
.707 (17.69)
1.105
(28.07)
1.500 (38.1)
.937 DIA MAX (23.80)
1.500 (38.1)
.937 DIA MAX (23.80)
STANDARD .250 WIDE
x .032 THICK SPADE TYPE
QUICK-CONNECT
TERMINAL MATES WITH
ANY STANDARD AMP
OR ARK-LES FEMALE
TERMINAL (2 PLACES)
STANDARD .250 WIDE x .032 THICK SPADE TYPE
QUICK-CONNECT TERMINAL (MATES WITH ANY
STANDARD AMP OR ARK-LES FEMALE TERMINAL).
1.797
(45.64)
PART NO.
DATE CODE
.172
(4.37)
TEMP
CODE
1.567
MAX
(39.80)
1.885 MAX
(47.88)
1.662 MAX
(42.21)
.755 MAX
(19.69)
.937 MAX (23.80)
.792 MAX
(20.120
1.508 MAX (38.30)
.937 DIA MAX (23.80)
.172 (4.37)
90o ±5o
.031 (.79) R
±.005 (.13)
(4 PLACES)
.415 (10.54) ±.005 (.13)
.172
(4.37)
.415 (10.54) ±.005 (.13)
1.563
(39.70)
.093 (2.36) ±.005 (.13)
.093 (2.36) ±.005 (.13)
1.250
(31.75)
.381 (9.68) ±.015 (.38)
2.336 (59.33)
±.046 (1.67)
.062 (1.57)
TRAVEL OF PUSHBUTTON
TO RESET
.937 MAX
(23.80)
2.235 MAX
(56.77)
1.175 MAX
(29.85)
.170 (4.32)
(2 PLACES
.090 (2.29) R
(4 PLACES)
1.570
(39.88)
.785
(19.34)
1.380
(35.05)
1.75
(44.45)
.490
(12.47)
.980
(24.87)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com