Electronic Components Datasheet Search
  English  ▼

X  

20413 Datasheet(PDF) 3 Page - Texas Instruments

Part # 20413
Description  Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

20413 Datasheet(HTML) 3 Page - Texas Instruments

  20413 Datasheet HTML 1Page - Texas Instruments 20413 Datasheet HTML 2Page - Texas Instruments 20413 Datasheet HTML 3Page - Texas Instruments 20413 Datasheet HTML 4Page - Texas Instruments 20413 Datasheet HTML 5Page - Texas Instruments 20413 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Underwriters’ Laboratories Electrical Current Ratings
Standard Configurations
Important Notice: Texas Instruments (TI) reserves
the right to make any changes to or to discontinue
any product or service identified in the publication
without notice. TI advises its customers to obtain
the latest version of the relevant information to
verify, before placing orders, that the information
being relied upon is current.
Texas Instruments assumes no responsibility for
infringement of patents or rights of others based
on Texas Instruments applications assistance or
product specifications since TI does not possess
full access concerning the use or application of
customer products. Texas Instruments also
assumes no responsibility for customers’ product
designs.
6,000
6,000
100,000
30,000
30,000
100,000
30,000
100,000
100,000
100,000
100,000
100,000
6,000
6,000
6,000
6,000
6,000
100,000
30,000
30,000
6,000
6,000
6,000
Number
Cycles
Contacts
Device
Amps
Res
FLA LRA
Pilot
Duty
120 V
240 V
1-3
1-3
1-2
1-3
1-2
1-3
1-3
1-3
1-3
1-3
1-3
1-3
1-3
1-3
1-3
1-3
1-3
1-3, 4-5
1-3
4-5
1-3
4-5
5-2
277 V
480 V
800 mV
DC
Amps
Res
FLA
LRA
Pilot
Duty
Amps
Res
FLA
LRA
Pilot
Duty
Amps
Res
FLA LRA
Pilot
Duty
20413 MR
20613
20600D
20601F, L
(appliance)
20601 (HVAC)
20602F or L
20603/5
20604F, L
20606F, L
20611L MR
20612 MTR
20616 MR
20615L MRTF
20619L MRTF
20650F, L
20650F, L, H
20650H
48
48
10
25
10
25
25
16.6
40
25
25
16.6
25
25
25
25
16
16
5.8
16
5.8
10
16
16.6
35
10
10
10
10
10
10
16
96
96
34.8
84
34.8
60
84
88
110
60
60
60
60
60
60
84
480
480
125
672
270
480
672
480
125
880
480
125
480
125
480
480
480
480
672
48
48
5
25
5
25
25
8.3
40
25
25
8.3
25
25
25
25
25
23
5
8
8
2.9
12
4.2
5
12
8.3
35
5
5
5
5
5
5
12
7
7
5.8
48
48
17.4
60
17.4
30
60
49.8
110
30
30
30
30
30
30
60
42
42
39.8
690
690
125
960
270
480
960
690
1760
380
480
480
480
480
480
960
670
670
556
22
5
22
7.2
35
22
7.2
25
22
23
23
8
8
7.2
30
8
8
23
23
42
42
43.2
95
42
42
100
88
775
125
775
1630
1760
775
690
690
775
1855
1633
48
48
13
20
13
13
5
9
5
5
30
30
10
30
690
690
960
320
400
X
X
20413L
20600D
20601L, F
20602L, F
20603L, F
20604L, F
20605L, F
20606L, F
20611L
20612L
20615L
20616L
20619L
20650L, F
MR-TF
SPDT
SPST
SPST
SPST
SPST
SPST
SPST
MR
MR
MR-TF
MR
MR-TF
DPST
High
High
High
mVdc
Extra High
High
Extra High
Pilot Duty
High
mVdc
High
Pilot Duty
High
High
Ag
Ag
Ag
Au
AgCdO
Ag
AgCdO
Ag Ribbed
Ag
Au
Ag
Ag Ribbed
Ag
Ag
3/8”
1/8”
1/8”
1/8”
1/8”
1/4”
1/4”
1/8”
1/8”
1/8”
1/8”
1/8”
1/4”
1/8”
1/2”
1/4”
1/4”
1/4”
1/4”
3/8”
3/8”
1/4”
1/4”
1/4”
1/4”
1/4”
3/8”
1/4”
Model
Switch
Type
Capacity
Contacts
Clearance
Thru
Air
Over
Surface



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com