Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 39 Page - PHOENIX CONTACT

Part # 7280
Description  Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7280 Datasheet(HTML) 39 Page - PHOENIX CONTACT

Back Button 7280 Datasheet HTML 35Page - PHOENIX CONTACT 7280 Datasheet HTML 36Page - PHOENIX CONTACT 7280 Datasheet HTML 37Page - PHOENIX CONTACT 7280 Datasheet HTML 38Page - PHOENIX CONTACT 7280 Datasheet HTML 39Page - PHOENIX CONTACT 7280 Datasheet HTML 40Page - PHOENIX CONTACT 7280 Datasheet HTML 41Page - PHOENIX CONTACT 7280 Datasheet HTML 42Page - PHOENIX CONTACT 7280 Datasheet HTML 43Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
ILB IB AI4 AO2
7280_en_02
PHOENIX CONTACT
39
20
Channel Conversion Times and Process Data Update Time
The process data update time is determined from the sum of the channel conversion times for all four channels. The analog
outputs must be maintained within these times.
The conversion time of a channel is determined from the channel parameterization and combines the filter time plus special
additional times.
Channel conversion time = (Filter time + Time for resistance measurement + Measuring time for 4-wire connection)
x 3-wire factor
Example:
Channel 1: Measuring range 0 V to 10 V, filter time = 4.5 ms
Channel 2: Measuring range 0 mA to 20 mA, filter time = 1.1 ms
Channel 3: Measuring range Pt 100, filter time = 4.5 ms, 4-wire
Channel 4: Measuring range Pt 1000, filter time = 4.5 ms, 2-wire with connector compensation
* 4-wire measuring time also applies for 2-wire with connector compensation
Analog Conversion Time According to the Example Above:
Figure 18
Analog conversion time according to the example above
Filter Time
Time for Resistance
Measurement
4-Wire Measuring Time
3-Wire Factor
Filter 1: 4.5 ms
Filter 2: 1.1 ms
0.2 ms for all resistance
measurements
1 ms, if resistor is connected in 4-wire
technology
2 ms, if resistor is connected in
3-wire technology; otherwise 1 ms
Channel
Configuration
[hex]
Filter Time
Time for
Resistance
Measurement
4-Wire
Measuring
Time*
3-Wire Factor
Channel
Conversion
Time
1
0000
4.5 ms
0 ms
0 ms
1
4.5 ms
2
0044
1.1 ms
0 ms
0 ms
1
1.1 ms
3
8009
4.5 ms
0.2 ms
1 ms
1
5.7 ms
4
800B
4.5 ms
0.2 ms
1 ms
1
5.7 ms
Process data update time = total of all channel conversion times
17 ms
2
4
68
10
12
14
16
7285B021
0
Channel 2
Channel 1
Channel 3
Channel 4
...
Channel 1
18
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com