Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 7280
Description  Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7280 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  7280 Datasheet HTML 1Page - PHOENIX CONTACT 7280 Datasheet HTML 2Page - PHOENIX CONTACT 7280 Datasheet HTML 3Page - PHOENIX CONTACT 7280 Datasheet HTML 4Page - PHOENIX CONTACT 7280 Datasheet HTML 5Page - PHOENIX CONTACT 7280 Datasheet HTML 6Page - PHOENIX CONTACT 7280 Datasheet HTML 7Page - PHOENIX CONTACT 7280 Datasheet HTML 8Page - PHOENIX CONTACT 7280 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ILB IB AI4 AO2
7280_en_02
PHOENIX CONTACT
2
Table of Contents
1
Description.................................................................................................................................. 1
2
Ordering Data ............................................................................................................................. 4
3
Technical Data............................................................................................................................ 4
4
Internal Circuit Diagram.............................................................................................................12
5
Electrical Isolation......................................................................................................................13
6
Local Diagnostic and Status Indicators .....................................................................................13
7
Connection of INTERBUS, Supply, Analog Sensors, and Actuators.........................................14
7.1
Terminal Point Assignment of the INTERBUS Connectors.......................................................................... 15
7.2
Terminal Point Assignment of the Power Connector ................................................................................... 15
7.3
Terminal Point Assignment of the Connectors for the Analog Inputs........................................................... 15
7.4
Terminal Point Assignment of the Connectors for the Analog RTD Inputs .................................................. 16
7.5
Terminal Point Assignment of the Connectors for the Analog Outputs........................................................ 16
8
Connection Notes ......................................................................................................................17
9
Connection Examples................................................................................................................17
9.1
Connection Examples for Analog Inputs ...................................................................................................... 18
9.2
Connection Examples for RTD Inputs.......................................................................................................... 19
9.3
Connection Examples for Analog Outputs ................................................................................................... 19
10 Programming Data ....................................................................................................................20
11 Process Data .............................................................................................................................20
11.1
Assignment of the Process Data to the Terminal Points for the
"Read and Write Analog Values" Command................................................................................................ 21
12 OUT Process Data Words .........................................................................................................22
13 IN Process Data Words .............................................................................................................23
13.1
Input Word IN1 (Status Word)...................................................................................................................... 23
13.2
Input Words IN2 to IN5................................................................................................................................. 23
14 Formats for the Representation of Measured Values (IN2 to IN5) ............................................24
14.1
Format: "IB IL" (Default Setting)................................................................................................................... 24
14.2
Format: "RT" ................................................................................................................................................ 26
14.3
Format: "S7-Compatible" ............................................................................................................................. 27
14.4
Format: "Standardized Representation"....................................................................................................... 29
15 Configuration .............................................................................................................................31
16 Configuration via Process Data .................................................................................................31
16.1
Output Word OUT1 (Control Word) for Command Code 40xxhex (Configure Device)................................. 31
16.2
Output Words OUT2 to OUT5 (Configuration) ............................................................................................. 32
16.3
Example for the Module Configuration via Process Data............................................................................. 33
17 Configuration via PCP ...............................................................................................................34
18 PCP Communication .................................................................................................................35
18.1
Object Dictionary.......................................................................................................................................... 35
18.2
Object Description........................................................................................................................................ 36
19 Diagnostics ................................................................................................................................38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com