Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 7280
Description  Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7280 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 7280 Datasheet HTML 17Page - PHOENIX CONTACT 7280 Datasheet HTML 18Page - PHOENIX CONTACT 7280 Datasheet HTML 19Page - PHOENIX CONTACT 7280 Datasheet HTML 20Page - PHOENIX CONTACT 7280 Datasheet HTML 21Page - PHOENIX CONTACT 7280 Datasheet HTML 22Page - PHOENIX CONTACT 7280 Datasheet HTML 23Page - PHOENIX CONTACT 7280 Datasheet HTML 24Page - PHOENIX CONTACT 7280 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ILB IB AI4 AO2
7280_en_02
PHOENIX CONTACT
21
11.1
Assignment of the Process Data to the Terminal Points for the
"Read and Write Analog Values"
Command
Assignment of the Terminal Points for Connector 12 to the Process Data Output Words
Assignment of the Terminal Points to the Process Data Input Words
(Word.bit) view
Word
Word x
Bit
15 14 13 12 11 10 987
6543210
(Byte.bit) view
Byte
Byte 0
Byte 1
Bit
765432107
6543210
Word 2:
Channel AO1
Signal
Terminal point 1.1: Voltage output
Terminal point 1.2: Current output
Signal reference
Terminal point 1.3: Analog ground
Shielding (FE)
Terminal point 1.4, 2.4
Word 3:
Channel AO2
Signal
Terminal point 1.1: Voltage output
Terminal point 1.2: Current output
Signal reference
Terminal point 1.3: Analog ground
Shielding (FE)
Terminal point 1.4, 2.4
(Word.bit) view
Word
Word x
Bit
15 14 13 12 11 10 987
6543210
(Byte.bit) view
Byte
Byte 0
Byte 1
Bit
765432107
6543210
AI
Word 2:
Channel 1 (connector 4)
Word 3:
Channel 2 (connector 6)
Word 4:
Channel 3 (connector 8)
Word 5:
Channel 4 (connector 10)
Signal
Terminal point 1.2: Positive voltage input
Terminal point 1.3: Positive current input
Signal reference
Terminal point 2.2: Negative voltage input
Terminal point 2.3: Negative current input
Shielding (FE)
Terminal point 1.4, 2.4
RTD
Word 2:
Channel 1 (connector 5)
Word 3:
Channel 2 (connector 7)
Word 4:
Channel 3 (connector 9)
Word 5:
Channel 4 (connector 11)
Signal
Terminal point 2.3: Voltage input for RTD sensor
Signal reference
Terminal point 1.3 (negative voltage input for RTD sensor)
Constant current
supply
Terminal point 1.1 (positive constant current supply)
Terminal point 1.2 (negative constant current supply)
Shielding (FE)
Terminal point 1.4, 2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com