Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 7280
Description  Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7280 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 7280 Datasheet HTML 9Page - PHOENIX CONTACT 7280 Datasheet HTML 10Page - PHOENIX CONTACT 7280 Datasheet HTML 11Page - PHOENIX CONTACT 7280 Datasheet HTML 12Page - PHOENIX CONTACT 7280 Datasheet HTML 13Page - PHOENIX CONTACT 7280 Datasheet HTML 14Page - PHOENIX CONTACT 7280 Datasheet HTML 15Page - PHOENIX CONTACT 7280 Datasheet HTML 16Page - PHOENIX CONTACT 7280 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
ILB IB AI4 AO2
7280_en_02
PHOENIX CONTACT
13
5
Electrical Isolation
Figure 3
Electrical isolation of the individual function areas
6
Local Diagnostic and Status Indicators
Figure 4
Diagnostic and status indicators
Incoming
remote bus
(5 V DC)
Logic area and outgoing
remote bus
(3.6 V DC/5 V DC)
Microprocessor,
protocol chip
Analog I/O
(5 V DC/±15 V DC)
Communications power
(primary)
24VDC
U
L
Initiator supply U
IS
Analog inputs
(24 V DC)
Supply of
initiator supply
24VDC
U
S
U (24 V DC)
L
U (24 V DC)
S
U1
IS
U2
IS
U3
IS
U4
IS
Analog inputs
Analog outputs
7280A004
FE potential
Electrical isolation
between area
A and B
A
B
UL
RC
BA
RD
BUS1
BUS2
PWR
E1
E2
E3
E4
1
2
7280B002
US
SF
AI1
AI2
AI3
AI4
AO1/2
RTD1
RTD2
RTD3
RTD4
TR
Designation
Color
Meaning
BUS
UL
Green
Communications power
RC
Green
Remote bus cable check
BA
Green
Bus active
RD
Yellow
Outgoing remote bus disabled
TR
Green
PCP communication active
PWR
US
Green
Sensor supply
SF
Red
Group error
AI
E1 to E4
Red
Channel-specific error
indication (sensor supply short
circuit or open circuit)
AO
1, 2
Yellow
Analog output value is
≥ 5% of
the positive measuring range
final value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com