Electronic Components Datasheet Search
  English  ▼

X  

8345 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8345
Description  Inline Block IO module for sercos
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8345 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8345 Datasheet HTML 9Page - PHOENIX CONTACT 8345 Datasheet HTML 10Page - PHOENIX CONTACT 8345 Datasheet HTML 11Page - PHOENIX CONTACT 8345 Datasheet HTML 12Page - PHOENIX CONTACT 8345 Datasheet HTML 13Page - PHOENIX CONTACT 8345 Datasheet HTML 14Page - PHOENIX CONTACT 8345 Datasheet HTML 15Page - PHOENIX CONTACT 8345 Datasheet HTML 16Page - PHOENIX CONTACT 8345 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ILB S3 24 DI8 DO4 AO2 INC-IN2
8345_en_01
PHOENIX CONTACT
13
8
Connecting sercos, supply, analog
sensors, and actuators
8.1
sercos connection
By default upon delivery, the Ethernet connections have
been set to auto negotiation with auto crossing.
The module can be connected with a 1:1 cable or a cross-
over cable.
Connect sercos to the module via an 8-pos. RJ45 connec-
tor. For the pin assignment of the female connector, please
refer to the following table:
Figure 5
Pin assignment of RJ45 sockets
Figure 6
8-pos. RJ45 sockets
AO1/AO2
24 V
Green
Status of the 24 V sensor sup-
ply
ON:
24 V sensor supply present
OFF:
24 V sensor supply not present
O-S
Orange
Behavior of the analog output
in the event of an interruption
ON:
Behavior of the analog output when
the connection to the sercos mas-
ter is interrupted: The default upon
delivery is parameterized.
5 V
Green
Status of the 5 V sensor supply
ON:
5 V sensor supply present
OFF:
5 V sensor supply not present.
INC1/INC2
UP
Yellow
State of position counter
ON and DN
LED OFF:
Position counter counting upwards
OFF and
DN LED
OFF:
Stopped
DN
Yellow
State of position counter
ON and UP
LED OFF:
Position counter counting upwards
OFF and UP
LED OFF:
Stopped
Z
Yellow
State of position counter
ON:
Z signal present
OFF:
Z signal not active
LED
Color/sta-
tus
Meaning
Pin
Assignment
1
TD+ (transmit data +)
2
TD- (transmit data -)
3RD+ (receive data +)
4
Reserved
5
Reserved
6
RD- (receive data -)
7
Reserved
8
Reserved
RJ45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com