Electronic Components Datasheet Search
  English  ▼

X  

8345 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 8345
Description  Inline Block IO module for sercos
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8345 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  8345 Datasheet HTML 1Page - PHOENIX CONTACT 8345 Datasheet HTML 2Page - PHOENIX CONTACT 8345 Datasheet HTML 3Page - PHOENIX CONTACT 8345 Datasheet HTML 4Page - PHOENIX CONTACT 8345 Datasheet HTML 5Page - PHOENIX CONTACT 8345 Datasheet HTML 6Page - PHOENIX CONTACT 8345 Datasheet HTML 7Page - PHOENIX CONTACT 8345 Datasheet HTML 8Page - PHOENIX CONTACT 8345 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ILB S3 24 DI8 DO4 AO2 INC-IN2
8345_en_01
PHOENIX CONTACT
2
Features of the analog outputs
–
Two analog signal outputs for the connection of voltage
signals
–
Connection of actuators in 2-wire technology
–
Voltage range: ±10 V
–
Resolution: 12 bits
–
Short-circuit-proof outputs
–
Parameterizable output values when the bus fails
Incremental encoder features
(for linear and rotary encoders)
Symmetrical incremental encoders (encoder with symmetri-
cal data lines according to the RS 422 EIA standard):
–
Encoder supply: 5 V DC or 24 V DC
–
Connection method of the signals:
A and /A (inverted)
B and /B (inverted)
Z and /Z (inverted)
–
Input frequency < 300 kHz
–
Cable length up to 30 m
Asymmetrical incremental encoder (encoder with asymmet-
rical data cables, push pull 5 V to 24 V):
–
Encoder supply: 5 V DC or 24 V DC
–
Connection method of signals: A, B, Z
–
Input frequency < 300 kHz
–
Cable length up to 30 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com